Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21294KSP Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # R5F21294KSP
Description  SINGLE-CHIP 16-BIT CMOS MCU
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21294KSP Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button R5F21294KSP Datasheet HTML 65Page - Renesas Technology Corp R5F21294KSP Datasheet HTML 66Page - Renesas Technology Corp R5F21294KSP Datasheet HTML 67Page - Renesas Technology Corp R5F21294KSP Datasheet HTML 68Page - Renesas Technology Corp R5F21294KSP Datasheet HTML 69Page - Renesas Technology Corp R5F21294KSP Datasheet HTML 70Page - Renesas Technology Corp R5F21294KSP Datasheet HTML 71Page - Renesas Technology Corp R5F21294KSP Datasheet HTML 72Page - Renesas Technology Corp R5F21294KSP Datasheet HTML 73Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 72 / 73 page
background image
A - 3
REVISION HISTORY
R8C/28 Group, R8C/29 Group Datasheet
1.10
May 17, 2007
13
Figure 3.1 revised
14
Figure 3.2 revised
18
Table 4.4 NOTE2 added
28
Table 20.10 revised
51
Table 20.39 NOTE4 added
53
Table 20.42 revised
1.20a
Jun 11, 2007
1
1 “J and K versions are under development. Specifications may be
changed without prior notice.” deleted
5, 6
Table 1.3 and Table 1.4 “(D): Under development” and NOTE1 deleted
47
5.2 “J and K versions are under development. Specifications may be
changed without prior notice.” deleted
2.00
Mar 14, 2008
5
Table 1.3, Figure 1.2 revised
6
Table 1.4, Figure 1.3 revised
13, 14
Figure 3.1, Figure 3.2 revised
15
Table 4.1 “002Ch” added
16
Table 4.2 “0036h”; J, K version “0100X000b”
→ “0100X001b”
22, 47
Table 5.2, Table 5.35; NOTE2 revised
28
Table 5.10 revised, NOTE4 added
2.10
Sep 26, 2008
−
“RENESAS TECHNICAL UP DATE” reflected: TN-16C-A172A/E
24, 49
Table 5.4, Table 5.37 NOTE2, NOTE4 revised
25, 50
Table 5.5, Table 5.38 NOTE2, NOTE5 revised
51
Table 5.39 Parameter: Voltage monitor 1 reset generation time added
NOTE5 added
Table 5.40 revised
52
Table 5.41 revised
Figure 5.22 revised
Rev.
Date
Description
Page
Summary
All trademarks and registered trademarks are the property of their respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com