Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAS70
Description  HiRel Silicon Schottky Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS70 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAS70_07 Datasheet HTML 1Page - Infineon Technologies AG BAS70_07 Datasheet HTML 2Page - Infineon Technologies AG BAS70_07 Datasheet HTML 3Page - Infineon Technologies AG BAS70_07 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2007-08-20
2
BAS70...
Thermal Resistance
Parameter
Symbol
Value
Unit
Thermal resistance junction-case
Rth(j-c)
100
K/W
Electrical Characteristics
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current 1
VR1 = 70 V
IR1
-
-
2
µA
Reverse current 2
VR2 = 56 V
IR2
-
-
0.1
Forward Voltage 1
VF1
0.3
0.6
0.8
0.38
0.7
0.85
0.44
0.78
1
V
Forward Voltage 2
IF2 = 10 mA
VF1
0.3
0.6
0.8
0.38
0.7
0.85
0.44
0.78
1
Differential Forward Resistance1)
IF2 = 10 mA, IF3 = 15 mA
RFD
24
30
32
Ω
AC Characteristics
Diode capacitance
VR = 0 V, f = 1 MHz
CT
1.2
1.5
2
pF
1
∆ V
F
RFD=---------------------
5x10-3A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com