Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT60B Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BAT60B
Description  Silicon Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT60B Datasheet(HTML) 2 Page - Infineon Technologies AG

  BAT60B Datasheet HTML 1Page - Infineon Technologies AG BAT60B Datasheet HTML 2Page - Infineon Technologies AG BAT60B Datasheet HTML 3Page - Infineon Technologies AG BAT60B Datasheet HTML 4Page - Infineon Technologies AG BAT60B Datasheet HTML 5Page - Infineon Technologies AG BAT60B Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2007-04-19
2
BAT60B...
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
≤ 90
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current2)
VR = 5 V
VR = 8 V
VR = 5 V, TA = 80 °C
VR = 8 V, TA = 80 °C
IR
-
-
-
-
5
10
100
410
15
25
800
1500
µA
Forward voltage2)
IF = 10 mA
IF = 100 mA
IF = 500 mA
IF = 1000 mA
VF
0.2
0.26
0.32
0.36
0.24
0.32
0.4
0.48
0.3
0.38
0.5
0.6
V
AC Characteristics
Diode capacitance
VR = 5 V, f = 1 MHz
CT
12
25
30
pF
1For calculation of RthJA please refer to Application Note Thermal Resistance
2Pulsed test: tp = 300 µs; D = 0.01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com