Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4997 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE4997
Description  Programmable Linear Hall Sensor for Industrial Use
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4997 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE4997 Datasheet HTML 14Page - Infineon Technologies AG TLE4997 Datasheet HTML 15Page - Infineon Technologies AG TLE4997 Datasheet HTML 16Page - Infineon Technologies AG TLE4997 Datasheet HTML 17Page - Infineon Technologies AG TLE4997 Datasheet HTML 18Page - Infineon Technologies AG TLE4997 Datasheet HTML 19Page - Infineon Technologies AG TLE4997 Datasheet HTML 20Page - Infineon Technologies AG TLE4997 Datasheet HTML 21Page - Infineon Technologies AG TLE4997 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
TLE4997I
Signal Processing
Data Sheet
18
V 1.0, 2007-06
• In the quadratic path, the difference temperature is squared and multiplied with the
TC2 value.
• Both path outputs are added together and multiplied with the gain value from the
EEPROM.
6.1
Magnetic Field Ranges
The working range of the magnetic field defines the input range of the A/D Converter. It
is always symmetric to the zero field point. Any two points in the magnetic range can be
selected to be the end points of the output curve. The output voltage represents the
range between the two points.
In the case of fields higher than the range values, the output signal may be distorted.
The range must be set before the calibration of offset and gain.
Table 6
Range Setting
Range
Range in mT
Parameter R
Low
± 50
3
Mid
± 100
1
High
± 200
0
Table 7
Range
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Register size
R
2
bit
1)
1) Ranges do not have a guaranteed absolute accuracy. The temperature pre-calibration is performed in the mid
range (100 mT).
_TLE4997I_Data_Sheet.book Page 18 Wednesday, August 22, 2007 12:59 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com