Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBF20 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DBF20
Description  2.0A Single-Phase Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBF20 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DBF20 Datasheet HTML 1Page - Sanyo Semicon Device DBF20 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE, Tokyo Bldg., 1-10 , Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number:EN2817A
DBF20
Silicon Diffused Junction Type
2.0A Single-Phase Bridge Rectifier
52098HA (KT)/N118TA, TS No.2817-1/2
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
5
7
.
0
=
5
0
.
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
h
c
a
e
t
A
:V M
R
0
1A
µ
)
t
n
e
i
b
m
A
-
n
o
i
t
c
n
u
J
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T)
a
-
j
(
h
t
Rn
i
f
t
u
o
h
t
i
W
5
7
)
e
s
a
C
-
n
o
i
t
c
n
u
J
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T)
c
-
j
(
h
t
Rn
i
f
I
A
h
t
i
W
0
1
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
CB
0
2
F
B
DC
0
2
F
B
DE
0
2
F
B
DG
0
2
F
B
Dt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
0
0
10
0
20
0
40
0
6V
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
AIO
→→→
0
.
2A
→→→
5
.
1A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
→→→
0
6A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
→→→
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
→→→
0
5
1
+
o
t
0
4
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C, per constituent element of bridge.
Features
· Glass passivation for high reliability.
· Plastic molded structure.
· Peak reverse voltage:VRM=100 to 600V.
· Average rectified current:IO=2.0A.
˚C
˚C
Package Dimensions
unit:mm
1202
[DBF20]
˚C/W
˚C/W
Electrical Connection
Tc=114˚C, with 50
×50×1.5mm3 AI fin
Ta=25˚C, without fin


Similar Part No. - DBF20

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF20 SANYO-DBF20 Datasheet
24Kb / 3P
2.0A Single-Phase Bridge Rectifier
logo
Jiangsu High diode Semi...
DBF2005 HDSEMI-DBF2005 Datasheet
1Mb / 3P
DBF Plastic-Encapsulate Bridge Rectifier
logo
Zibo Seno Electronic En...
DBF205 ZSELEC-DBF205 Datasheet
162Kb / 2P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
ON Semiconductor
DBF20G ONSEMI-DBF20G Datasheet
683Kb / 2P
2.0A Single-Phase Bridge Rectifier
June, 2014
logo
Sanyo Semicon Device
DBF20T SANYO-DBF20T Datasheet
44Kb / 2P
2.0A Single-Phase Bridge Rectifier
More results

Similar Description - DBF20

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA20 SANYO-DBA20 Datasheet
42Kb / 2P
2.0A Single-Phase Bridge Rectifier
DBF20T SANYO-DBF20T Datasheet
44Kb / 2P
2.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
GBJ2A WTE-GBJ2A Datasheet
59Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005 WTE-2W005_06 Datasheet
52Kb / 4P
2.0A SINGLE-PHASE BRIDGE RECTIFIER
KBP200 WTE-KBP200_06 Datasheet
48Kb / 4P
2.0A SINGLE-PHASE BRIDGE RECTIFIER
KBP200G WTE-KBP200G_06 Datasheet
64Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
RB200 WTE-RB200_06 Datasheet
58Kb / 4P
2.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBA20 SANYO-DBA20_09 Datasheet
41Kb / 2P
2.0A Single-Phase Bridge Rectifier
DBF20 SANYO-DBF20_00 Datasheet
24Kb / 3P
2.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBF20G ONSEMI-DBF20G Datasheet
683Kb / 2P
2.0A Single-Phase Bridge Rectifier
June, 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com