Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBF40 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DBF40
Description  4.0A Single-Phase Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DBF40 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DBF40 Datasheet HTML 1Page - Sanyo Semicon Device DBF40 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE, Tokyo Bldg., 1-10 , Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number:EN2797A
DBF40
Silicon Diffused Junction Type
4.0A Single-Phase Bridge Rectifier
52098HA (KT)52595GI (KOTO) N098TA, TS No.2797-1/2
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C, per constituent element of bridge.
Features
· Glass passivation for high reliability.
· Plastic molded structure.
· Peak reverse voltage:VRM=200, 600V.
· Average rectified current:IO=4.0A.
˚C
˚C
Package Dimensions
unit:mm
1203
[DBF40]
˚C/W
˚C/W
Electrical Connection
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
CC
0
4
F
B
DG
0
4
F
B
Dt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
0
0
20
0
6V
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
AIO
→
0
.
4A
→
3
.
2A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
→
0
8A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
→
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
→
0
5
1
+
o
t
0
4
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
0
.
2
=
5
0
.
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
h
c
a
e
t
A
:V M
R
0
1A
µ
)
t
n
e
i
b
m
A
-
n
o
i
t
c
n
u
J
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T)
a
-
j
(
h
t
Rn
i
f
t
u
o
h
t
i
W
0
3
)
e
s
a
C
-
n
o
i
t
c
n
u
J
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T)
c
-
j
(
h
t
Rn
i
f
I
A
h
t
i
W
5
.
5
Tc=108˚C, with 80
×80×1.5mm3 AI fin
Ta=25˚C, without fin


Similar Part No. - DBF40

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBF40 SANYO-DBF40 Datasheet
87Kb / 2P
4.0A Single-Phase Bridge Rectifier
logo
Dubilier
DBF4010G05H DUBILIER-DBF4010G05H Datasheet
127Kb / 1P
DC COOLING FAN 40x40x10mm
DBF4010G05HS DUBILIER-DBF4010G05HS Datasheet
127Kb / 1P
DC COOLING FAN 40x40x10mm
DBF4010G05L DUBILIER-DBF4010G05L Datasheet
127Kb / 1P
DC COOLING FAN 40x40x10mm
DBF4010G05LS DUBILIER-DBF4010G05LS Datasheet
127Kb / 1P
DC COOLING FAN 40x40x10mm
More results

Similar Description - DBF40

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA40 SANYO-DBA40 Datasheet
52Kb / 2P
4.0A Single-Phase Bridge Rectifier
DBF40T SANYO-DBF40T Datasheet
49Kb / 2P
4.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
GBL00 WTE-GBL00 Datasheet
46Kb / 4P
4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBL400 WTE-KBL400_06 Datasheet
48Kb / 4P
4.0A SINGLE-PHASE BRIDGE RECTIFIER
KBU400 WTE-KBU400_06 Datasheet
50Kb / 4P
4.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBA40 SANYO-DBA40_00 Datasheet
24Kb / 3P
4.0A Single-Phase Bridge Rectifier
DBF40 SANYO-DBF40_09 Datasheet
87Kb / 2P
4.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBF40G ONSEMI-DBF40G Datasheet
697Kb / 2P
4.0A Single-Phase Bridge Rectifier
June, 2014
logo
SMC Diode Solutions Co....
GBU4005 SMCDIODE-GBU4005 Datasheet
334Kb / 5P
Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
GBU4005G SMCDIODE-GBU4005G Datasheet
317Kb / 5P
Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com