Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGS13AL12 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BGS13AL12
Description  SP3T Antenna Switch with Antenna Termination Port
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGS13AL12 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BGS13AL12 Datasheet HTML 4Page - Infineon Technologies AG BGS13AL12 Datasheet HTML 5Page - Infineon Technologies AG BGS13AL12 Datasheet HTML 6Page - Infineon Technologies AG BGS13AL12 Datasheet HTML 7Page - Infineon Technologies AG BGS13AL12 Datasheet HTML 8Page - Infineon Technologies AG BGS13AL12 Datasheet HTML 9Page - Infineon Technologies AG BGS13AL12 Datasheet HTML 10Page - Infineon Technologies AG BGS13AL12 Datasheet HTML 11Page - Infineon Technologies AG BGS13AL12 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
BGS13AL12
SP3T RF Switch
Features
Preliminary Data Sheet
8
Revision 1.1, 2009-06-25
Description
The BGS13AL12 RF MOS switch is specifically designed for WCDMA diversity applications. An additional 4th port
allows proper termination of the antenna when turned off.
This SP3T offers low insertion loss and high robustness against interferer signals at the antenna port, while
maintaining a very small size of only 2.0 x 2.0 mm² and a maximum height of only 0.4 mm
The on-chip controller integrates CMOS logic and level shifters, driven by control inputs from 1.4 to 3.0 V. Unlike
GaAs technology, external DC blocking capacitors at the RF Ports are only required if DC voltage is applied
externally.
The BGS13AL12 RF Switch is manufactured in Infineon’s patented MOS technology, offering the performance of
GaAs with the economy and integration of conventional CMOS including the inherent higher ESD robustness.
Figure 1
Functional Diagram
BGS 13A_Functional_ D iagram m .vsd
RF1
RF2
Ant
Vdd
Ctrl A
Decoder
+ESD
Rext
Ctrl B
GND
RF3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com