Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD09P06PL Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPD09P06PL
Description  SIPMOS Power-Transistor Feature N-Channel Enhancement mode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD09P06PL Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPD09P06PL_08 Datasheet HTML 1Page - Infineon Technologies AG SPD09P06PL_08 Datasheet HTML 2Page - Infineon Technologies AG SPD09P06PL_08 Datasheet HTML 3Page - Infineon Technologies AG SPD09P06PL_08 Datasheet HTML 4Page - Infineon Technologies AG SPD09P06PL_08 Datasheet HTML 5Page - Infineon Technologies AG SPD09P06PL_08 Datasheet HTML 6Page - Infineon Technologies AG SPD09P06PL_08 Datasheet HTML 7Page - Infineon Technologies AG SPD09P06PL_08 Datasheet HTML 8Page - Infineon Technologies AG SPD09P06PL_08 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
200
8-07-29
Rev 2.5
Page 4
SPD09P06PL
G
1 Power dissipation
Ptot = f (TC)
0
20
40
60
80 100 120 140 160
°C 190
TC
0
5
10
15
20
25
30
35
40
W
50
SPD09P06PL
2 Drain current
ID = f (TC)
parameter: VGS
 10 V
0
20
40
60
80 100 120 140 160
°C 190
TC
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
A
-11
SPD09P06PL
3 Safe operating area
ID = f ( VDS )
parameter : D = 0 , TC = 25 °C
-10
-1
-10
0
-10
1
-10
2
V
VDS
-1
-10
0
-10
1
-10
2
-10
A
SPD09P06PL
DC
10 ms
1 ms
100 µs
tp = 11.0µs
4 Transient thermal impedance
ZthJC = f (tp)
parameter : D = tp/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-4
10
-3
10
-2
10
-1
10
0
10
1
10
K/W
SPD09P06PL
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com