Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF600R12IP4D Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # DF600R12IP4D
Description  PrimePACK?? Modul mit Trench/Feldstopp IGBT4, gr철횩erer Emitter Controlled 4 Diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DF600R12IP4D Datasheet(HTML) 1 Page - Infineon Technologies AG

  DF600R12IP4D Datasheet HTML 1Page - Infineon Technologies AG DF600R12IP4D Datasheet HTML 2Page - Infineon Technologies AG DF600R12IP4D Datasheet HTML 3Page - Infineon Technologies AG DF600R12IP4D Datasheet HTML 4Page - Infineon Technologies AG DF600R12IP4D Datasheet HTML 5Page - Infineon Technologies AG DF600R12IP4D Datasheet HTML 6Page - Infineon Technologies AG DF600R12IP4D Datasheet HTML 7Page - Infineon Technologies AG DF600R12IP4D Datasheet HTML 8Page - Infineon Technologies AG DF600R12IP4D Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Technische Information / technical information
DF600R12IP4D
IGBT-Module
IGBT-modules
!!
"#
$% !!!&'
PrimePACK™2 Modul mit Trench/Feldstopp IGBT4, größerer Emitter Controlled 4 Diode
PrimePACK™2 module with Trench/Fieldstop IGBT4, increased Emitter Controlled 4 diode
(
)
* +
,
(
)
* +
,
(
)
* +
,
(
)
* +
,
(-./ 0
(
(-./ 0
(
(-./ 0
(
(-./ 0
(
1- 234 0 5
, 1-67 0
1- 234 0 5
, 1-67 0
1- 234 0 5
, 1-67 0
1- 234 0 5
, 1-67 0
8
9
:
*
8
9
:
*
8
9
:
*
8
9
:
*
8
8
8
8
••
9
:
*
9
% ;
9 % *
9
% ;
9 % *
9
% ;
9 % *
9
% ;
9 % *
9
%
<
%
<
%
<
%
<
••
% :
9 9
8=> 3?
%@
A
8
8=> 3?
••
B C +
<
*;
D *9 +
••
D 9 E F
9
9
G
E F
9
D *9
9
G
#
*
9
••
(-.HIJ
8
;
F
(-.HIJ : 9
8
••
*
(-.HIJ
# : (-.HIJ
9
9 % *
9
9
9 % *
9
9
9 % *
9
9
9 % *
9
9
<
9
<
9
<
9
<
••
;(
1
*;
;(
1
••
B 9)
81 K
L
; * : 9
81 K
••
B C #
E
9
;
D *9
*
+
••
D 9 #
9
9 M
9
*;
D *9 L :
89
*
••
D 9 #
*
9
D *9 L :
+
••
N ;
9
9
M
# : 89
O
#
#
#
#
P
P
P
P
+ Q
+ Q
+ Q
+ Q
9
9
9
9
+ *
+ *
+ *
+ *
R
&
R
5
L
A
R
+
$L
S
'
+
$L
M
;'
!


Similar Part No. - DF600R12IP4D

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF60 HIROSE-DF60 Datasheet
489Kb / 12P
65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
DF60-1012PCA(07) HIROSE-DF60-1012PCA(07) Datasheet
489Kb / 12P
65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
DF60-1012PCFA(07) HIROSE-DF60-1012PCFA(07) Datasheet
489Kb / 12P
65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
DF60-1012SCA HIROSE-DF60-1012SCA Datasheet
489Kb / 12P
65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
DF60-1012SCFA HIROSE-DF60-1012SCFA Datasheet
489Kb / 12P
65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
More results

Similar Description - DF600R12IP4D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FF900R12IP4D INFINEON-FF900R12IP4D Datasheet
1Mb / 9P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4, gr철횩erer Emitter Controlled 4 Diode und NTC
2009-08-24 revision:2.4
DF900R12IP4D INFINEON-DF900R12IP4D Datasheet
1Mb / 9P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4, gr철횩erer Emitter Controlled 4 Diode
2009-08-14 revision:2.2
DF1400R12IP4D INFINEON-DF1400R12IP4D Datasheet
1Mb / 9P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4, gr철횩erer Emitter Controlled 4 Diode
2009-08-14 revision:2.2
FF1400R17IP4P INFINEON-FF1400R17IP4P Datasheet
631Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-07 revision:V2.0
FF1000R17IE4P INFINEON-FF1000R17IE4P Datasheet
620Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-08 revision:V3.1
FF1000R17IE4DP_B2 INFINEON-FF1000R17IE4DP_B2 Datasheet
627Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-29 revision:V2.0
FF900R12IP4P INFINEON-FF900R12IP4P Datasheet
641Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-30 revision:V2.0
FF900R12IE4P INFINEON-FF900R12IE4P Datasheet
641Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-31 revision:V2.0
FF650R17IE4DP_B2 INFINEON-FF650R17IE4DP_B2 Datasheet
621Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-03-29 revision:V2.0
FF900R12IE4VP INFINEON-FF900R12IE4VP Datasheet
640Kb / 10P
PrimePACK?? Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode
2016-08-23 revision:V3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com