Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6389 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE6389_07 Datasheet HTML 13Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 14Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 15Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 16Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 17Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 18Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 19Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 20Page - Infineon Technologies AG TLE6389_07 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
17
2007-08-13
4.48
Reset threshold
VFB, RT
1.12
V
TLE6389-2 GV;
VVOUT decreasing
4.49
1.17
V
TLE6389-2 GV;
VVOUT increasing
4.50
Reset output pull
up resistor
R
RO
10
20
40
k
Ω
TLE6389-2 GV50,
TLE6389-3 GV50;
Internally
connected to
VOUT
4.51
Reset output High
voltage
V
RO, H
0.8*
VVOUT
V
TLE6389-2 GV50,
TLE6389-3 GV50;
IRO=0mA
4.52
Reset output Low
voltage
V
RO,L
0.2
0.4
V
IRO, L=1mA;
2.5V < VVOUT < VRT
4.53
Reset output Low
voltage
V
RO,L
0.2
0.4
V
IRO, L=0.2mA;
1V < VVOUT < 2.5V
4.54
Reset delay time
t
rd
17
21
25
ms
TLE6389-2 GV
TLE6389-3 GV50
4.55
Reset delay time
t
rd
70
82
100
ms
TLE6389-2 GV50
4.56
Reset reaction time t
rr
10
µs
2)
Overvoltage Lockout
4.57
Overvoltage
threshold
VVOUT, OV
VOUT
_nom/
V
+0.1
V
TLE6389-2 GV50,
TLE6389-3 GV50;
VVOUT increasing
4.58
Overvoltage
threshold
VFB, OV
VFB,t
h_nom
/V
+0.0
2
V
TLE6389-2 GV;
VVOUT increasing
4
Electrical Characteristics (cont’d)
5V < V
VS < 48V; -40°C < Tj < 150 °C;
All voltages with respect to ground; positive current defined flowing into the pin; unless otherwise specified
Item
Parameter
Symbol
Limit Values
Unit Test Condition
min. typ. max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com