Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6389 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE6389
Description  Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6389 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE6389 Datasheet HTML 28Page - Infineon Technologies AG TLE6389 Datasheet HTML 29Page - Infineon Technologies AG TLE6389 Datasheet HTML 30Page - Infineon Technologies AG TLE6389 Datasheet HTML 31Page - Infineon Technologies AG TLE6389 Datasheet HTML 32Page - Infineon Technologies AG TLE6389 Datasheet HTML 33Page - Infineon Technologies AG TLE6389 Datasheet HTML 34Page - Infineon Technologies AG TLE6389 Datasheet HTML 35Page - Infineon Technologies AG TLE6389 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
TLE 6389
Datasheet Rev. 2.1
32
2007-08-13
To achieve the same effect of slope compensation in the adjustable voltage version also
the inductance in µH is given by
The inductance value determines together with the input voltage, the output voltage and
the switching frequency the current ripple which occurs during normal operation of the
step down converter. This current ripple is important for the all over ripple at the output
of the switching converter.
In this equation fsw is the actual switching frequency of the device, given either by the
internal oscillator or by an external source connected to the SYNC pin. When picking
finally the inductance of a certain supplier (Epcos, Coilcraft etc.) the saturation current
has to be considered. The saturation current value of the desired inductance has to be
higher than the maximum peak current which can appear in the actual application.
7.10.2
Determining the current limit
The peak current which the buck converter is able to provide is determined by the peak
current limit threshold voltage VLIM and the sense resistor RSENSE. With a maximum peak
current given by the application (IPEAK, PWM=ILOAD+0.5∆I) the sense resistor is calculated
to
The equation above takes account for the foldback characteristic of the current limit as
shown in the Fig. ’Output Voltage vs. Load Current’ on page 24/25 by introducing a factor
of 2. It must be assured by correct dimensioning of RSENSE that the load current doesn’t
reach the foldback part of the characteristic curve.
2,0 10
4
–
×
H
V
Ω
--------- V
OUT RSENSE
⋅⋅
⋅

 L1 4,0 10 4
–
×
H
V
Ω
--------- V
⋅
OUT
RSENSE
⋅⋅


<<
∆I
VIN VOUT
–
() VOUT
⋅
fSW VIN L1
⋅⋅
------------------------------------------------------
=
RSENSE
VLIM
2I
⋅ PEAK PWM
,
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com