Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFB20T Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DFB20T
Description  2.0A Power Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DFB20T Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DFB20T Datasheet HTML 1Page - Sanyo Semicon Device DFB20T Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
52098HA (KT)/5138TA, TS No.2406-1/2
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE, Tokyo Bldg., 1-10 , Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number:EN2406
DFB20T
Diffused Junction Type Silicon Diode
2.0A Power Rectifier
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
CB
T
0
2
B
F
DC
T
0
2
B
F
DE
T
0
2
B
F
DG
T
0
2
B
F
Dt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
0
0
10
0
20
0
40
0
6V
t
n
e
r
r
u
C
d
e
i
f
i
t
i
c
e
R
e
g
a
r
e
v
AIO
→→→
0
.
2A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
→→→
0
2
1A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
→→→
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
→→→
0
5
1
+
o
t
0
4
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
CJ
T
0
2
B
F
DL
T
0
2
B
F
Dt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
PV M
R
0
0
80
0
0
1V
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
AIO
→
0
.
2A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
→
0
7A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
→
5
2
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
→
0
5
1
+
o
t
0
4
–
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1177
[DFB20T]
Electrical Characteristics at Ta = 25˚C
Features
· High-speed switching use.
· Reverse recovery time trr=0.15
µs max (B, C, E, G).
trr=0.3
µs max (J, L).
· Peak reverse voltage:VRM=100 to 1000V
· Average Rectified current IO=2.0A
˚C
˚C
C:Cathode
A:Anode
Reverse Recovery Time Test Circuit
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
)
G
,
E
,
C
,
B
(
A
0
.
2
=
2
.
1V
)
L
,
J
(
A
0
.
2
=
F
I
5
.
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
h
c
a
e
t
A
:V M
R
0
1A
µ
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rr
r
t
IF
V
,
A
m
2
=
R
)
G
,
E
,
C
,
B
(
V
5
1
=5
1
.
0s
µ
IF
)
L
,
J
(
V
5
1
=
R
V
,
A
m
2
=
3
.
0s
µ
Ta=40˚C
Ta=40˚C
˚C
˚C
Unit (resistance:
Ω, capacitance:F)


Similar Part No. - DFB20T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DFB2005 FAIRCHILD-DFB2005 Datasheet
423Kb / 4P
Glass Passivated Bridge Rectifiers
DFB2005 FAIRCHILD-DFB2005 Datasheet
327Kb / 5P
Glass-Passivated Bridge Rectifiers
DFB2005 FAIRCHILD-DFB2005_13 Datasheet
327Kb / 5P
Glass-Passivated Bridge Rectifiers
DFB2010 FAIRCHILD-DFB2010 Datasheet
423Kb / 4P
Glass Passivated Bridge Rectifiers
DFB2010 FAIRCHILD-DFB2010 Datasheet
327Kb / 5P
Glass-Passivated Bridge Rectifiers
More results

Similar Description - DFB20T

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2W005 WTE-2W005 Datasheet
46Kb / 3P
2.0A BRIDGE RECTIFIER
RL201 WTE-RL201 Datasheet
40Kb / 3P
2.0A SILICON RECTIFIER
logo
Sanyo Semicon Device
DSA20T SANYO-DSA20T Datasheet
49Kb / 2P
2.0A Power Rectifier
logo
Diodes Incorporated
2A01 DIODES-2A01 Datasheet
57Kb / 2P
2.0A RECTIFIER
DS29008 Rev. B-2
2A01 DIODES-2A01_1 Datasheet
62Kb / 3P
2.0A RECTIFIER
DS29008 Rev. 4 - 2
logo
Gaomi Xinghe Electronic...
RL201 GXELECTRONICS-RL201 Datasheet
312Kb / 2P
2.0A SILICON RECTIFIER
logo
Zibo Seno Electronic En...
SF21 ZSELEC-SF21 Datasheet
110Kb / 2P
2.0A SUPERFAST RECTIFIER
2W05 ZSELEC-2W05 Datasheet
163Kb / 2P
2.0A BRIDGE RECTIFIER
D2KB05 ZSELEC-D2KB05 Datasheet
117Kb / 2P
2.0A BRIDGE RECTIFIER
D2SB05 ZSELEC-D2SB05 Datasheet
84Kb / 2P
2.0A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com