Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS604-08D Datasheet(PDF) 2 Page - IP SEMICONDUCTOR CO., LTD.

Part # IPS604-08D
Description  High sensitive triggering levels
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IPS [IP SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.ipsemiconductor.com
Logo IPS - IP SEMICONDUCTOR CO., LTD.

IPS604-08D Datasheet(HTML) 2 Page - IP SEMICONDUCTOR CO., LTD.

  IPS604-08D Datasheet HTML 1Page - IP SEMICONDUCTOR CO., LTD. IPS604-08D Datasheet HTML 2Page - IP SEMICONDUCTOR CO., LTD. IPS604-08D Datasheet HTML 3Page - IP SEMICONDUCTOR CO., LTD. IPS604-08D Datasheet HTML 4Page - IP SEMICONDUCTOR CO., LTD. IPS604-08D Datasheet HTML 5Page - IP SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Tj = 25 ℃ unless otherwise specified)
Symbol
Test Condition
IPS604-xxD
Unit
03
05
06
08
IGT
VD = 6V RL = 100
Ω
MIN
MAX
10
30
20
50
30
60
50
80
uA
VGT
TYP
MAX
0.6
0.8
V
VGD
VD=VDRM, RL=3.3K
Ω, RGK = 1KΩ
Tj = 110 ℃
MIN
0.2
V
IL
IG = 1mA RGK
= 1KΩ
MAX
6
mA
IH
IT = 50mA RGK
= 1KΩ
MAX
5
mA
VTM
IT = 8A t p = 380uS Tj = 25 ℃
TYP
MAX
1.4
1.8
V/us
dV/dt
VD = 67% VDRM RGK
= 1KΩ Tj = 110 ℃
MIN
10
V/us
IDRM
VD = VDRM RGK
= 1KΩ Tj = 25 ℃
MAX
5
uA
VD = VDRM RGK
= 1KΩ Tj = 110 ℃
MAX
0.1
mA
IRRM
VR = VRRM RGK
= 1KΩ Tj = 25 ℃
MAX
5
uA
VD = VRRM RGK
= 1KΩ Tj = 110 ℃
MAX
0.1
mA
2
THERMAL RESISTANCES
Symbol
Parameter
Value
Unit
Rth (j
– c)
Junction to case
TO-252
2.8
℃/W
4F, Cheong won B/D, 269 Hyoje-dong, Jongno-gu, Seoul, 110-480 Korea
Tel : +82-70-7574-2839, Fax : +82-2-6280-6382, sales@ipsemiconductor.com
IPS604-xxD



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com