Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5011 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 9Page - Infineon Technologies AG TLE5011 Datasheet HTML 10Page - Infineon Technologies AG TLE5011 Datasheet HTML 11Page - Infineon Technologies AG TLE5011 Datasheet HTML 12Page - Infineon Technologies AG TLE5011 Datasheet HTML 13Page - Infineon Technologies AG TLE5011 Datasheet HTML 14Page - Infineon Technologies AG TLE5011 Datasheet HTML 15Page - Infineon Technologies AG TLE5011 Datasheet HTML 16Page - Infineon Technologies AG TLE5011 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
TLE5011
Specification
Final Data Sheet
13
V1.1, 2010-05
3
Specification
3.1
Application Circuit
The application circuit shows the microcontroller version with open-drain capabilities.
Figure 6
Application Circuit
A complete system may consist of one TLE5011 and a microcontroller. The second TLE5011 may be used for
redundancy to increase system reliability. The microcontroller should contain a CORDIC coprocessor for fast
angle calculations, and flash memory for the calibration data storage.
3.2
Absolute Maximum Ratings
Note: Stresses above the max. values listed here may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability. Maximum ratings are
absolute ratings; exceeding only one of these values may cause irreversible damage to the integrated circuit.
Table 2
Absolute Maximum Rating Parameters
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Voltage on V
DD pin with respect
to ground (V
SS)
VDD
-0.5
6.5
V
max 40 h / lifetime
Voltage on any pin with
respect to ground (V
SS)
VIN
-0.5
6.5
V
VDD + 0.5 V may not be
exceeded
Junction temperature
TJ
-40
150
°C
150
°C
for 1000 h not additive
Magnetic field induction
B
-
|125|
mT
max 5 min. @ t
A = 25°C
-
|100|
max 5 h @ t
A = 25°C
-
|70|
max 1000 h @ t
A = 85°C
not additive
-
|60|
max 1000 h @ t
A = 100°C
not additive
Storage temperature
TST
-40
150
°C
without magnetic field
CAN RX
CAN TX
Voltage
Regulator
GMR- Sensor
TLE501 1
12V
GND
CAN
µController
Master
DATA_i
SC K
CSQ
SSC
CLK
1k
each
100 R
100 R
100 nF
VD D
VD D
GN D
DATA_o
CAN
Tranceiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com