Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA895 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BA895
Description  Silicon PIN Diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BA895 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BA895 Datasheet HTML 2Page - Infineon Technologies AG BA895 Datasheet HTML 3Page - Infineon Technologies AG BA895 Datasheet HTML 4Page - Infineon Technologies AG BA895 Datasheet HTML 5Page - Infineon Technologies AG BA895 Datasheet HTML 6Page - Infineon Technologies AG BA895 Datasheet HTML 7Page - Infineon Technologies AG BA895 Datasheet HTML 8Page - Infineon Technologies AG BA895 Datasheet HTML 9Page - Infineon Technologies AG BA895 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2007-04-19
6
BA595/BA885/BA895...
Package SCD80
Package Outline
Foot Print
Marking Layout (Example)
0.3
1
2
marking
Cathode
0.8 ±0.1
±0.1
0.7
0.13
±0.05
+0.05
-0.03
0.2 M A
A
0.35
BAR63-02W
Type code
Cathode marking
Laser marking
0.7
2
0.2
0.9
0.4
4
Standard
Reel with 2 mm Pitch
Cathode
marking
Cathode
marking
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø180 mm = 8.000 Pieces/Reel (2 mm Pitch)
Reel ø330 mm = 10.000 Pieces/Reel
2005, June
Date code



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com