Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6228 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6228
Description  Smart Quad Channel Low-Side Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6228 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6228 Datasheet HTML 5Page - Infineon Technologies AG TLE6228 Datasheet HTML 6Page - Infineon Technologies AG TLE6228 Datasheet HTML 7Page - Infineon Technologies AG TLE6228 Datasheet HTML 8Page - Infineon Technologies AG TLE6228 Datasheet HTML 9Page - Infineon Technologies AG TLE6228 Datasheet HTML 10Page - Infineon Technologies AG TLE6228 Datasheet HTML 11Page - Infineon Technologies AG TLE6228 Datasheet HTML 12Page - Infineon Technologies AG TLE6228 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Datasheet TLE 6228 G P
Note 1) : Standby is not designed for switching or PWM operation of the outputs
Note 2) : overload/short-to-supply/overtemperature - events shorter than min. time tDSO specified in 2.10
will not be latched and not reported at the status pin.
Note 3) : to reset latched status-output in case of overload/short-to-supply/overtemperature the control
input has to go low and stay low for longer than max. input suppression time tD-IN specified in 2.13 of the
characteristics
Failure Situations and Status Report
Logic Block Diagram
Overtemperature
Open load "on"
0.....open load
1.... normal cond.
Open load "off"
1.....open load
0.....normal cond.
Overload
0.....overload
1.....normal cond.
Input
1....On
0... Off
ENA
1....enabled
0... disabled
1.....overtemperature
0.....normal cond.
Delay D
Delay D
Delay D
IN
IN
IN
OUT
OUT
OUT
EN
EN
EN
Filter
30µs
HI
Q
Q
SET
CLR
S
R
Gate Driver
1... Output On
0... Output Off
Status
0....High
1....Low
Delay
60µs
Delay D
IN
OUT
tD
1,2ms typ.
Delay
60µs
IN
OUT
t
D
60µs typ.
tDSO
Filter
tD
tD-IN when over-
load occured
tD-failure
tD-failure
V4.1
Page
9
2010-07-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com