Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6711 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6711
Description  Multifunctional Voltage Regulator and Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6711 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6711 Datasheet HTML 4Page - Infineon Technologies AG TLE6711 Datasheet HTML 5Page - Infineon Technologies AG TLE6711 Datasheet HTML 6Page - Infineon Technologies AG TLE6711 Datasheet HTML 7Page - Infineon Technologies AG TLE6711 Datasheet HTML 8Page - Infineon Technologies AG TLE6711 Datasheet HTML 9Page - Infineon Technologies AG TLE6711 Datasheet HTML 10Page - Infineon Technologies AG TLE6711 Datasheet HTML 11Page - Infineon Technologies AG TLE6711 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
8
Rev. 3.4, 2007-08-16
TLE 6711
Circuit Description
4
Circuit Description
Below some important sections of the TLE 6711 G/GL are described in more detail.
4.1
Power On Reset
In order to avoid any system failure, a sequence of several conditions has to be passed. In case of
V
CC power
down (
V
CC < VRT for t > tRR) a logic LOW signal is generated at the pin RO to reset an external microcontroller.
When the level of
V
CC reaches the reset threshold VRT, the signal at RO remains LOW for the Power-up reset delay
time
t
RD before switching to HIGH. If VCC drops below the reset threshold VRT for a time extending the reset
reaction time
t
RR, the reset circuit is activated and a power down sequence of period tRD is initiated. The reset
reaction time
t
RR avoids wrong triggering caused by short “glitches” on the VCC-line.
Figure 4
Reset Function
4.2
Watchdog Operation
The watchdog uses one hundred of the oscillator’s clock signal period as a timebase, defined as the watchdog
cycle time
t
CYL.
After power-on, the reset output signal at the RO pin (microcontroller reset) is kept LOW for the reset delay time
t
RD, i.e. 64 cycles. With the LOW to HIGH transition of the signal at RO the device starts the closed window time
t
CW = 32 cycles. A trigger signal within this window is interpreted as a pretrigger failure according to the figures
shown below. After the closed window the open window with the duration
t
OW is started. The open window lasts
at minimum until the trigger process has occurred, at maximum
t
OW is 32 cycles.
A HIGH to LOW transition of the watchdog trigger signal on pin WDI is taken by a trigger. To avoid wrong triggering
due to parasitic glitches two HIGH samples followed by two LOW samples (sample period
t
CYL) are decoded as a
valid trigger. If a trigger signal appears at the watchdog input pin WDI during the open window or a power up/down
occurs, the watchdog window signal is reset and a new closed window follows.
A reset is generated (RO goes LOW) if there is no trigger pulse during the open window or if a pretrigger occurs
during the closed window. This reset happens after 64 cycles after the latest valid closed window start time and
lasts for further 64 cycles.
The triggering is correct also, if the first three samples (two HIGH one LOW) of the trigger pulse at pin WDI are
inside the closed window and only the fourth sample (the second LOW sample) is taken in the open window.
In addition to the microcontroller reset signal RO the device generates a system enable signal at pin SEN. If RO
AET02950
L
H
RO
V
CC
Invalid
RT
V
typ. 4.65 V
< RR
t
< RD
t
Start-Up
ON Delay
Invalid
Invalid
ON Delay
Started
Stopped
RD
t
RR
t
RD
t
t
t
Power
Start-Up
Normal
Failed
N
Failed
Normal
1 V
ON Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com