Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4906L Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4906L
Description  High Precision Hall Effect Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4906L Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4906L Datasheet HTML 1Page - Infineon Technologies AG TLE4906L Datasheet HTML 2Page - Infineon Technologies AG TLE4906L Datasheet HTML 3Page - Infineon Technologies AG TLE4906L Datasheet HTML 4Page - Infineon Technologies AG TLE4906L Datasheet HTML 5Page - Infineon Technologies AG TLE4906L Datasheet HTML 6Page - Infineon Technologies AG TLE4906L Datasheet HTML 7Page - Infineon Technologies AG TLE4906L Datasheet HTML 8Page - Infineon Technologies AG TLE4906L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Product Name
Product Type
Ordering Code
Package
Hall Effect Switch
TLE4906K
SP000475028
SC59
Hall Effect Switch
TLE4906L
SP000012949
PG-SSO-3-2
High Precision Hall-Effect Switch
TLE4906K
TLE4906L
Data Sheet
3
V 2.0, 2009-01
1
Product Description
1.1
Overview
The TLE4906 is a high precision Hall effect switch with
highly accurate switching thresholds for operating
temperatures up to 150°C.
1.2
Features
2.7V to 24V supply voltage
Operation from unregulated power supply
High sensitivity and high stability of the magnetic switching points
High resistance to mechanical stress by Active Error Compensation
Reverse battery protection (-18V)
Superior temperature stability
Peak temperatures up to 195°C without damage
Low jitter (typ. 1µs)
High ESD performance (± 6kV HBM)
Digital output signal
SMD package
SC59 (SOT23 compatible) - (TLE4906K))
Leaded package
PG-SSO-3-2 - (TLE4906L)
1.3
Target Applications
Target applications for TLE4906 are all automotive applications which require a high precision Hall switch for
position sensing with a operating temperature range from -40°C to +150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com