Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRDC3802 Datasheet(PDF) 13 Page - International Rectifier

Part # IRDC3802
Description  USER GUIDE FOR IR3802 EVALUATION BOARD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3802 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRDC3802 Datasheet HTML 8Page - International Rectifier IRDC3802 Datasheet HTML 9Page - International Rectifier IRDC3802 Datasheet HTML 10Page - International Rectifier IRDC3802 Datasheet HTML 11Page - International Rectifier IRDC3802 Datasheet HTML 12Page - International Rectifier IRDC3802 Datasheet HTML 13Page - International Rectifier IRDC3802 Datasheet HTML 14Page - International Rectifier IRDC3802 Datasheet HTML 15Page - International Rectifier IRDC3802 Datasheet HTML 16Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
IRDC3802
Rev 0.1
6/16/2008
PCB Metal and Components Placement
The lead lands (the 11 IC pins) width should be equal to the nominal part lead width. The
minimum lead to lead spacing should be ≥ 0.2mm to minimize shorting.
Lead land length should be equal to the maximum part lead length + 0.3 mm outboard
extension. The outboard extension ensures a large and inspectable toe fillet.
The pad lands (the 4 big pads other than the 11 IC pins) length and width should be equal to
maximum part pad length and width. However, the minimum metal to metal spacing should be
no less than 0.17mm for 2 oz. Copper; no less than 0.1mm for 1 oz. Copper and no less than
0.23mm for 3 oz. Copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com