Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGF124 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BGF124
Description  SIM Card Interface Filter and USB Interface with ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGF124 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BGF124 Datasheet HTML 1Page - Infineon Technologies AG BGF124 Datasheet HTML 2Page - Infineon Technologies AG BGF124 Datasheet HTML 3Page - Infineon Technologies AG BGF124 Datasheet HTML 4Page - Infineon Technologies AG BGF124 Datasheet HTML 5Page - Infineon Technologies AG BGF124 Datasheet HTML 6Page - Infineon Technologies AG BGF124 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BGF124
SIM Card Interface Filter and USB Interface with ESD Protection
BGF124
Data Sheet
5
V2.0, 2009-04-01
Figure 2
Insertion Loss
Table 2
Electrical Characteristics1)
1) at
T
A =25 °C
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Resistors
R
1, R3
R
1,3
80
100
120
Resistor
R
2
R
2
37.6
47
56.4
Leakage current of ESD protection diodes
I
L
1
2
100
200
nA
nA
V =3V
V =5V
Breakdown voltage of ESD diodes2)
2) after snap-back
V
(BR)
–18.5
-12.5
–V
I
(BR) = 1mA
I
(BR) =-1mA
Line capacitance
Capacitance of all lines to GND
C
T
8
1012pF
V =0V
BGF124 insertion loss
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
10000
MHz
A1-A3
B1-B3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com