Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4946K Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4946K
Description  High Precision Bipolar Hall-Effect Latch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4946K Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4946K Datasheet HTML 1Page - Infineon Technologies AG TLE4946K Datasheet HTML 2Page - Infineon Technologies AG TLE4946K Datasheet HTML 3Page - Infineon Technologies AG TLE4946K Datasheet HTML 4Page - Infineon Technologies AG TLE4946K Datasheet HTML 5Page - Infineon Technologies AG TLE4946K Datasheet HTML 6Page - Infineon Technologies AG TLE4946K Datasheet HTML 7Page - Infineon Technologies AG TLE4946K Datasheet HTML 8Page - Infineon Technologies AG TLE4946K Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Type
Package
TLE4946K
SC59
High Precision Bipolar Hall-Effect Latch
TLE4946K
SC59SC59
Data Sheet
2
Rev 1.0, 2007-09
1Overview
1.1
Features
•2.7 V to 24 V supply voltage operation
Operation from unregulated power supply
High sensitivity and high stability of the magnetic
switching points
High resistance to mechanical stress by
Active Error Compensation
Reverse battery protection (– 18 V)
Superior temperature stability
Peak temperatures up to 195°C without damage
Low jitter (typ. 1 µs)
High ESD performance (± 6 kV HBM)
Digital output signal
SMD package SC59 (SOT23 compatible)
1.2
Functional Description
The TLE4946K is a integrated circuit Hall-effect sensor designed specifically for highly
accurate applications.
Precise magnetic switching points and high temperature stability are achieved by active
compensation circuits and chopper techniques on chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com