Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4729G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4729G
Description  2-Phase Stepper-Motor Driver Bipolar-IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4729G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4729G Datasheet HTML 3Page - Infineon Technologies AG TLE4729G Datasheet HTML 4Page - Infineon Technologies AG TLE4729G Datasheet HTML 5Page - Infineon Technologies AG TLE4729G Datasheet HTML 6Page - Infineon Technologies AG TLE4729G Datasheet HTML 7Page - Infineon Technologies AG TLE4729G Datasheet HTML 8Page - Infineon Technologies AG TLE4729G Datasheet HTML 9Page - Infineon Technologies AG TLE4729G Datasheet HTML 10Page - Infineon Technologies AG TLE4729G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TLE 4729 G
Data Sheet
7
V1.2, 2008-03-18
Error Outputs
Saturation voltage
Leakage current
VErrSat
IErrL
50
–
200
–
500
10
mV
µA
IErr = 1 mA
VErr = 25 V
Thermal Protection
Shutdown
Prealarm
Delta
Hysteresis shutdown
Hysteresis prealarm
Tjsd
Tjpa
∆T
j
Tjsdhy
Tjpahy
140
120
10
–
–
150
130
20
20
20
160
140
30
–
–
°C
°C
K
K
K
IQ1, 2 = 0 A
VErr = L
∆T
j = Tjsd – Tjpa
–
–
Power Outputs
Diode Transistor Sink Pair
(D13, T13; D14, T14; D23, T23; D24, T24)
Saturation voltage
Saturation voltage
Reverse current
Forward voltage
Forward voltage
VsatI
VsatI
IRI
VFI
VFI
0.1
0.2
500
0.6
0.7
0.3
0.5
1000
0.9
1.0
0.5
0.8
1500
1.2
1.3
V
V
µA
V
V
IQ = – 0.45 A
IQ = – 0.7 A
VS = VQ = 40 V
IQ = 0.45 A
IQ = 0.7 A
Diode Transistor Source Pair
(T11, D11; T12, D12; T21, D21; T22, D22)
Saturation voltage
Saturation voltage
Saturation voltage
Saturation voltage
Reverse current
Forward voltage
Forward voltage
Diode leakage current
VsatuC
VsatuD
VsatuC
VsatuD
IRu
VFu
VFu
ISL
0.6
0.1
0.7
0.2
400
0.7
0.8
0
1.0
0.3
1.2
0.5
800
1.0
1.1
3
1.2
0.6
1.5
0.8
1200
1.3
1.4
10
V
V
V
V
µA
V
V
mA
IQ = 0.45 A; charge
IQ = 0.45 A;
discharge
IQ = 0.7 A; charge
IQ = 0.7 A;
discharge
VS = 40 V, VQ = 0 V
IQ = – 0.45 A
IQ = – 0.7 A
IF = – 0.7 A
Characteristics (cont’d)
VS = 6 to 16 V; Tj = – 40 to 130 °C
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com