Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS3004PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFS3004PBF
Description  HEXFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS3004PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFS3004PBF Datasheet HTML 2Page - International Rectifier IRFS3004PBF Datasheet HTML 3Page - International Rectifier IRFS3004PBF Datasheet HTML 4Page - International Rectifier IRFS3004PBF Datasheet HTML 5Page - International Rectifier IRFS3004PBF Datasheet HTML 6Page - International Rectifier IRFS3004PBF Datasheet HTML 7Page - International Rectifier IRFS3004PBF Datasheet HTML 8Page - International Rectifier IRFS3004PBF Datasheet HTML 9Page - International Rectifier IRFS3004PBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRFB/S/SL3004PbF
6
www.irf.com
Fig. 17 - Typical Recovery Current vs. dif/dt
Fig 16. Threshold Voltage vs. Temperature
Fig. 19 - Typical Stored Charge vs. dif/dt
Fig. 18 - Typical Recovery Current vs. dif/dt
Fig. 20 - Typical Stored Charge vs. dif/dt
-75 -50 -25 0 25 50 75 100 125 150 175 200
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
ID = 250µA
ID = 1.0mA
ID = 1.0A
100
200
300
400
500
diF /dt (A/µs)
50
100
150
200
250
300
350
IF = 78A
VR = 34V
TJ = 25°C
TJ = 125°C
100
200
300
400
500
diF /dt (A/µs)
0
50
100
150
200
250
300
350
400
IF = 117A
VR = 34V
TJ = 25°C
TJ = 125°C
100
200
300
400
500
diF /dt (A/µs)
2
3
4
5
6
7
8
9
10
IF = 78A
VR = 34V
TJ = 25°C
TJ = 125°C
100
200
300
400
500
diF /dt (A/µs)
1
2
3
4
5
6
7
8
9
10
11
IF = 117A
VR = 34V
TJ = 25°C
TJ = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com