Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7240SL Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE7240SL
Description  8 Channel Protected Low-Side Relay Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7240SL Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE7240SL Datasheet HTML 11Page - Infineon Technologies AG TLE7240SL Datasheet HTML 12Page - Infineon Technologies AG TLE7240SL Datasheet HTML 13Page - Infineon Technologies AG TLE7240SL Datasheet HTML 14Page - Infineon Technologies AG TLE7240SL Datasheet HTML 15Page - Infineon Technologies AG TLE7240SL Datasheet HTML 16Page - Infineon Technologies AG TLE7240SL Datasheet HTML 17Page - Infineon Technologies AG TLE7240SL Datasheet HTML 18Page - Infineon Technologies AG TLE7240SL Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
15
Rev. 1.1, 2009-04-15
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7240SL
Input and Power Stages
Output characteristics
5.3.11
On-State resistance per channel
RDS(ON)
–1.5
–
Ω
IL = 180 mA
Tj = 25 °C
1)
–2.2
3.0
IL = 180 mA
Tj = 150 °C
5.3.12
Nominal load current
I
L(nom)
210
–
–
mA
1)all channels on
T
a = 85 °C
T
j,max = 150 °C
based on
R
thja,2s2p
5.3.13
Output leakage current in stand-by
mode
(per channel)
ID(STB)
–
–
–
–
–
–
1
2
5
µA
V
DS = 13.5 V
Tj = 25 °C
1)
Tj = 85 °C
1)
Tj = 150 °C
5.3.14
Output clamping voltage
VDS(CL)
41
–
54
V
Input Characteristics
5.3.15
L level of pins IN1..IN4 and LHI
V
IN(L)
0–
0.6
V
5.3.16
H level of pins IN1..IN4 and LHI
V
IN(H)
2.0
–
5.5
V
2)
5.3.17
L-input pull-down current through pin IN
I
IN(L)
312
80
µA
1) V
IN = 0.6 V
5.3.18
H-input pull-down current through pin
IN
I
IN(H)
10
40
80
µA
V
DD = 5.5 V
V
IN = V
DD
Reset Characteristics
5.3.19
L level of pin RST
V
RST(L)
0
–
0.2*
V
DD
5.3.20
H level of pin RST
V
RST(H)
0.4*
V
DD
–
V
DD
5.3.21
L-input pull-down current through pin
RST
I
RST(L)
312
80
µA
1) V
RST = 0.6 V
5.3.22
H-input pull-down current through pin
RST
I
RST(H)
10
40
80
µA
V
DD = 5.5 V
V
RST = V
DD
Timings
5.3.23
Reset wake-up time
t
wu(RST)
––
200
µs
5.3.24
Reset and LHI signal duration
t
RST(L)
50
–
–
µs
5.3.25
Turn-on time
VDS = 20% Vbat
t
ON
30
50
µs
V
bat = 13.5 V
resistive load
all channels
IDS = 180 mA
5.3.26
Turn-off time
VDS = 80% Vbb
t
OFF
–30
50
µs
V
bat = 13.5 V
resistive load
all channels
IDS = 180 mA
1) not subject to production test
2) level must not exceed
V
DD+0.3V < 5.5 V
Electrical Characteristics: Supply and Input
All voltages with respect to ground, positive current flowing into pin
unless otherwise specified:
V
DD = 3.0 V to VDDA, VDDA= 4.5V to 5.5V, Tj = -40 °C to +150 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com