Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7244SL Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE7244SL
Description  8 Channel Protected Low-Side Relay Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7244SL Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE7244SL Datasheet HTML 14Page - Infineon Technologies AG TLE7244SL Datasheet HTML 15Page - Infineon Technologies AG TLE7244SL Datasheet HTML 16Page - Infineon Technologies AG TLE7244SL Datasheet HTML 17Page - Infineon Technologies AG TLE7244SL Datasheet HTML 18Page - Infineon Technologies AG TLE7244SL Datasheet HTML 19Page - Infineon Technologies AG TLE7244SL Datasheet HTML 20Page - Infineon Technologies AG TLE7244SL Datasheet HTML 21Page - Infineon Technologies AG TLE7244SL Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7244SL
Diagnosis Features
Datasheet
18
Rev. 1.0, 2009-09-30
7
Diagnosis Features
The SPI of SPIDER - TLE7244SL provides diagnosis information about the device and about the load. There are
following diagnosis flags implemented:
The diagnosis information of the protective functions of channel n is latched in the diagnosis flag Dn.
The open load diagnosis of channel n is latched in the diagnosis flag OLn.
Both flags are cleared by programming the specific channel to Standby (STB).
7.1
Diagnosis Characteristics
Note: Characteristics show the deviation of parameter at given supply voltage and junction temperature. Typical
values show the typical parameters expected from manufacturing.
Failure Mode
Comment
Open Load or short circuit
to ground
Diagnosis, when channel n is switched on: none
Diagnosis, when channel n is switched off: according to voltage level at the output pin, flag OLn
is set after time
t
d(OL).
When the channel is in OFF there is Diagnosis active, in Standby the Diagnosis is not enabled
Over Temperature
When over temperature occurs, the according diagnosis flag Dn is set. If the affected channel n
was active it is switched off.
The diagnosis flags are latched until they have been cleared by programming the channel STB.
Over Load
(Short Circuit)
When over load is detected at channel n, the affected channel is switched off after time tOFF(OVL)
and the dedicated diagnosis flag Dn is set.
The diagnosis flags are latched until they have been cleared by programming the channel STB
Electrical Characteristics: Diagnosis
All voltages with respect to ground, positive current flowing into pin
unless otherwise specified:
V
DD = 3.0 V to VDDA, VDDA= 4.5V to 5.5V, Tj = -40 °C to +150 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
OFF State Diagnosis
7.1.1
Open load detection threshold
voltage
V
DS(OL)
1.0
2.5
V
7.1.2
Output pull-down diagnosis current
per channel
I
D(PD)
80
μA
V
DS = 13.5 V
7.1.3
Open load diagnosis delay time
t
d(OL)
30
200
μs
ON State Diagnosis
7.1.4
Over load detection current
I
D(OVL)
0.5
0.95
A
7.1.5
Over load detection delay time
t
OFF(OVL)
350
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com