Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGS4056DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGS4056DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4056DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGS4056DPBF Datasheet HTML 1Page - International Rectifier IRGS4056DPBF Datasheet HTML 2Page - International Rectifier IRGS4056DPBF Datasheet HTML 3Page - International Rectifier IRGS4056DPBF Datasheet HTML 4Page - International Rectifier IRGS4056DPBF Datasheet HTML 5Page - International Rectifier IRGS4056DPBF Datasheet HTML 6Page - International Rectifier IRGS4056DPBF Datasheet HTML 7Page - International Rectifier IRGS4056DPBF Datasheet HTML 8Page - International Rectifier IRGS4056DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRGS4056DPbF
2
www.irf.com
Notes:
 VCC = 80% (VCES), VGE = 20V, L = 100µH, RG = 22Ω.
‚ This is only applied to TO-220AB package.
ƒ Pulse width limited by max. junction temperature.
„ Refer to AN-1086 for guidelines for measuring V
(BR)CES safely.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Conditions
Ref.Fig
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
——V
VGE = 0V, IC = 100µA f
CT6
∆V(BR)CES/∆TJ
Temperature Coeff. of Breakdown Voltage
—0.30—
V/°C VGE = 0V, IC = 1mA (25°C-175°C)
CT6
—1.55
1.85
IC = 12A, VGE = 15V, TJ = 25°C
5,6,7
VCE(on)
Collector-to-Emitter Saturation Voltage
—
1.90
—
V
IC = 12A, VGE = 15V, TJ = 150°C
9,10,11
—1.97—
IC = 12A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
4.0
—
6.5
V
VCE = VGE, IC = 350µA
9, 10,
∆VGE(th)/∆TJ
Threshold Voltage temp. coefficient
—
-18
—
mV/°C VCE = VGE, IC = 1.0mA (25°C - 175°C)
11, 12
gfe
Forward Transconductance
—
7.7
—
S
VCE = 50V, IC = 12A, PW = 80µs
ICES
Collector-to-Emitter Leakage Current
—
2.0
25
µA
VGE = 0V, VCE = 600V
—475
—
VGE = 0V, VCE = 600V, TJ = 175°C
VFM
Diode Forward Voltage Drop
—
2.10
3.10
V
IF = 12A
8
—1.61—
IF = 12A, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
—
—
±100
nA
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
Ref.Fig
Qg
Total Gate Charge (turn-on)
—
25
38
IC = 12A
24
Qge
Gate-to-Emitter Charge (turn-on)
—
7.0
11
nC VGE = 15V
CT1
Qgc
Gate-to-Collector Charge (turn-on)
—
11
16
VCC = 400V
Eon
Turn-On Switching Loss
—
75
118
IC = 12A, VCC = 400V, VGE = 15V
CT4
Eoff
Turn-Off Switching Loss
—
225
273
µJ
RG = 22Ω, L = 200µH, LS = 150nH, TJ = 25°C
Etotal
Total Switching Loss
—
300
391
Energy losses include tail & diode reverse recovery
td(on)
Turn-On delay time
—
31
40
IC = 12A, VCC = 400V, VGE = 15V
CT4
tr
Rise time
—
17
24
ns
RG = 22Ω, L = 200µH, LS = 150nH, TJ = 25°C
td(off)
Turn-Off delay time
—
83
94
tf
Fall time
—
24
31
Eon
Turn-On Switching Loss
—
185
—
IC = 12A, VCC = 400V, VGE=15V
13, 15
Eoff
Turn-Off Switching Loss
—
355
—
µJ
RG=22Ω, L=100µH, LS=150nH, TJ = 175°C
fÃ
CT4
Etotal
Total Switching Loss
—
540
—
Energy losses include tail & diode reverse recovery
WF1, WF2
td(on)
Turn-On delay time
—
30
—
IC = 12A, VCC = 400V, VGE = 15V
14, 16
tr
Rise time
—
18
—
ns
RG = 22Ω, L = 200µH, LS = 150nH
CT4
td(off)
Turn-Off delay time
—
102
—
TJ = 175°C
WF1
tf
Fall time
—
41
—
WF2
Cies
Input Capacitance
—
765
—
pF
VGE = 0V
23
Coes
Output Capacitance
—
52
—
VCC = 30V
Cres
Reverse Transfer Capacitance
—
23
—
f = 1.0Mhz
TJ = 175°C, IC = 48A
4
RBSOA
Reverse Bias Safe Operating Area
FULL SQUARE
VCC = 480V, Vp =600V
CT2
Rg = 22
Ω, VGE = +15V to 0V
SCSOA
Short Circuit Safe Operating Area
5
—
—
µs
VCC = 400V, Vp =600V
22, CT3
Rg = 22
Ω, VGE = +15V to 0V
WF4
Erec
Reverse Recovery Energy of the Diode
—
280
—
µJ
TJ = 175°C
17, 18, 19
trr
Diode Reverse Recovery Time
—
68
—
ns
VCC = 400V, IF = 12A
20, 21
Irr
Peak Reverse Recovery Current
—
19
—
A
VGE = 15V, Rg = 22Ω, L =200µH, Ls = 150nH
WF3
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com