Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGS4062DPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRGS4062DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4062DPBF Datasheet(HTML) 5 Page - International Rectifier

  IRGS4062DPBF Datasheet HTML 1Page - International Rectifier IRGS4062DPBF Datasheet HTML 2Page - International Rectifier IRGS4062DPBF Datasheet HTML 3Page - International Rectifier IRGS4062DPBF Datasheet HTML 4Page - International Rectifier IRGS4062DPBF Datasheet HTML 5Page - International Rectifier IRGS4062DPBF Datasheet HTML 6Page - International Rectifier IRGS4062DPBF Datasheet HTML 7Page - International Rectifier IRGS4062DPBF Datasheet HTML 8Page - International Rectifier IRGS4062DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IRGS/SL4062DPbF
www.irf.com
5
Fig. 13 - Typ. Energy Loss vs. IC
TJ = 175°C; L = 200µH; VCE = 400V, RG = 10Ω; VGE= 15V
Fig. 14 - Typ. Switching Time vs. IC
TJ = 175°C; L = 200µH; VCE = 400V, RG = 10Ω; VGE = 15V
Fig. 15 - Typ. Energy Loss vs. RG
TJ = 175°C; L = 200µH; VCE = 400V, ICE = 24A; VGE = 15V
Fig. 16 - Typ. Switching Time vs. RG
TJ = 175°C; L = 200µH; VCE = 400V, ICE = 24A; VGE = 15V
Fig. 17 - Typ. Diode IRR vs. IF
TJ = 175°C
Fig. 18 - Typ. Diode IRR vs. RG
TJ = 175°C
0
102030405060
IC (A)
0
200
400
600
800
1000
1200
1400
1600
1800
EOFF
EON
10
20
30
40
50
IC (A)
1
10
100
1000
tR
tdOFF
tF
tdON
0
25
50
75
100
125
RG (Ω)
10
100
1000
tR
tdOFF
tF
tdON
0
10
20
30
40
50
60
IF (A)
10
15
20
25
30
35
40
RG = 10Ω
RG = 22Ω
RG = 47Ω
RG = 100Ω
0
25
50
75
100
125
RG (Ω)
5
10
15
20
25
30
35
40
45
0
25
50
75
100
125
Rg (
Ω)
0
200
400
600
800
1000
1200
1400
1600
EOFF
EON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com