Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRPLDIM5E Datasheet(PDF) 17 Page - International Rectifier

Part # IRPLDIM5E
Description  4 Level Switch Dim Fluorescent Ballast using the IRS2530D DIM8TM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLDIM5E Datasheet(HTML) 17 Page - International Rectifier

Back Button IRPLDIM5E Datasheet HTML 9Page - International Rectifier IRPLDIM5E Datasheet HTML 10Page - International Rectifier IRPLDIM5E Datasheet HTML 11Page - International Rectifier IRPLDIM5E Datasheet HTML 12Page - International Rectifier IRPLDIM5E Datasheet HTML 13Page - International Rectifier IRPLDIM5E Datasheet HTML 14Page - International Rectifier IRPLDIM5E Datasheet HTML 15Page - International Rectifier IRPLDIM5E Datasheet HTML 16Page - International Rectifier IRPLDIM5E Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
www.irf.com
- 17 -
RD0802
8. Inductor Specifications
Vogt # IL 070 503 11 02
BI Technologies # HM00-07544
INDUCTOR SPECIFICATION
CORE SIZE
CORE MATERIAL
GAP LENGTH
E20/10/ 6 (EF20)
Philips3C85 , Siemens N27 or equivalent
WINDING START PIN FINISH PIN TURNS WIRE DIAMETER (mm)
MAIN
CATHODE
CATHODE
PHYSICAL LAYOUT
TEST
MAIN WINDING INDUCTANCE
MAX 2.4
mm
mH
mH
1.0
1
6
( Vertical6- Pin Bobbin)
10/ 38 Multistranded
2
5
3
4
5.5
5.5
240*
MIN 2.1
*
Adjust turns for specified Inductance
26 awg insulated
26 awg insulated
0.4"
0.4"
Pin View
1
2
3
4
5
6
NOMINAL INDUCTANCE
TEST TEMPERATURE
C
100
2.3
mH
TEST TEMPERATURE
C
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com