Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRPLHID2 Datasheet(PDF) 9 Page - International Rectifier

Part # IRPLHID2
Description  HID Ballast for 70W Lamp Using the IRS2573D
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLHID2 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRPLHID2 Datasheet HTML 5Page - International Rectifier IRPLHID2 Datasheet HTML 6Page - International Rectifier IRPLHID2 Datasheet HTML 7Page - International Rectifier IRPLHID2 Datasheet HTML 8Page - International Rectifier IRPLHID2 Datasheet HTML 9Page - International Rectifier IRPLHID2 Datasheet HTML 10Page - International Rectifier IRPLHID2 Datasheet HTML 11Page - International Rectifier IRPLHID2 Datasheet HTML 12Page - International Rectifier IRPLHID2 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.irf.com
1
- 9 -
the buck high-side and full-bridge high and low-side output drivers are activated. The low
voltage power supply is realized with buck converter circuit utilizing the Link Switch
LNK302D (Figure 4.1). Once the voltage on VCC reaches the start-up threshold
(UVLO+), voltage on VSENSE pin is above VOV threshold and the voltage on RST pin is
less than 1.5V, the IC turns on and the full-bridge oscillator (CT) and gate driver outputs
(HO1, LO1, HO2 and LO2) begin to oscillate. During UVLO mode, the full-bridge and
buck are off, the ignition timer and clock are off, the fault and good counters are reset,
and the fault latch is reset.
5.3 Ignition Mode
The ignition timer is enabled when the IC first enters IGN Mode. The ignition timer
frequency is programmed with the external capacitor at the TIGN pin. CTIGN charges up
and down linearly through internal sink and source currents between a fixed voltage
window of 2V and 4V (Figure 5.3). This sets up an internal clock (666ms typical) that is
divided out 128 times and then used to turn the ignition gate driver output (IGN pin) on
and off for a given on and off-time (21sec ‘high’/64sec ‘low’ typical). A logic ‘high’ at the
IGN pin will turn the external ignition MOSFET (MIGN) on and enable the external sidac-
controlled pulse ignition circuit.
TIGN
IGN
VLAMP
4V
2V
0V
IGN ENABLED
(21 s typ.)
IGN DISABLED
666ms
typ.
(64 s typ.)
IGN ENABLED
(21 s typ.)
FAULT
MODE
787sec typ.
Figure 5.3: Ignition Timer Timing Diagram
During the ignition phase, the lamp is an open circuit and the buck output voltage is
limited to a maximum value. The ignition circuit comprises of a diac (DIGN), transformer
1180sec typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com