Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP89 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSP89
Description  SIPMOS Small-Signal-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP89 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSP89_09 Datasheet HTML 1Page - Infineon Technologies AG BSP89_09 Datasheet HTML 2Page - Infineon Technologies AG BSP89_09 Datasheet HTML 3Page - Infineon Technologies AG BSP89_09 Datasheet HTML 4Page - Infineon Technologies AG BSP89_09 Datasheet HTML 5Page - Infineon Technologies AG BSP89_09 Datasheet HTML 6Page - Infineon Technologies AG BSP89_09 Datasheet HTML 7Page - Infineon Technologies AG BSP89_09 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BSP89
Rev. 2.1
5 Typ. output characteristic
ID = f (VDS)
parameter: Tj = 25 °C, VGS
0
0.5
1
1.5
2
2.5
3
3.5
4
V
5
VDS
0
0.1
0.2
0.3
0.4
A
0.6
3V
3.4V
3.6V
4.2V
4.6V
5V
6V
10V
6 Typ. drain-source on resistance
RDS(on) = f (ID)
parameter: Tj = 25 °C, VGS
0
0.1
0.2
0.3
0.4
A
0.6
ID
0
1
2
3
4
5
6
7
W
9
3V
3.4V
3.6V
4.2V
4.6V
5V
6V
10V
7 Typ. transfer characteristics
ID= f ( VGS ); VDS³ 2 x ID x RDS(on)max
parameter: Tj = 25 °C
0
0.5
1
1.5
2
2.5
V
3.5
VGS
0
0.1
0.2
0.3
0.4
A
0.6
8 Typ. forward transconductance
gfs = f(ID)
parameter: Tj = 25 °C
0
0.1
0.2
0.3
0.4
A
0.6
ID
0
0.1
0.2
0.3
0.4
S
0.6
200
9-
08-18
Page
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com