Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP89 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BSP89
Description  SIPMOS Small-Signal-Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP89 Datasheet(HTML) 7 Page - Infineon Technologies AG

  BSP89 Datasheet HTML 1Page - Infineon Technologies AG BSP89 Datasheet HTML 2Page - Infineon Technologies AG BSP89 Datasheet HTML 3Page - Infineon Technologies AG BSP89 Datasheet HTML 4Page - Infineon Technologies AG BSP89 Datasheet HTML 5Page - Infineon Technologies AG BSP89 Datasheet HTML 6Page - Infineon Technologies AG BSP89 Datasheet HTML 7Page - Infineon Technologies AG BSP89 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BSP89
Rev. 2.1
13 Typ. gate charge
VGS = f (QG); parameter: VDS ,
ID = 0.35 A pulsed, Tj = 25 °C
0
1
2
3
4
5
nC
6.5
QG
0
2
4
6
8
10
12
V
16
BSP89
0.2 VDS max
0.5 VDS max
0.8 VDS max
14 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
-60
-20
20
60
100
°C
180
Tj
216
221
226
231
236
241
246
251
256
261
266
271
276
V
291
BSP89
200
9-
08-18
Page
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com