Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4905G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4905G
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4905G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4905G_07 Datasheet HTML 6Page - Infineon Technologies AG TLE4905G_07 Datasheet HTML 7Page - Infineon Technologies AG TLE4905G_07 Datasheet HTML 8Page - Infineon Technologies AG TLE4905G_07 Datasheet HTML 9Page - Infineon Technologies AG TLE4905G_07 Datasheet HTML 10Page - Infineon Technologies AG TLE4905G_07 Datasheet HTML 11Page - Infineon Technologies AG TLE4905G_07 Datasheet HTML 12Page - Infineon Technologies AG TLE4905G_07 Datasheet HTML 13Page - Infineon Technologies AG TLE4905G_07 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Magnetic Characteristics
4.0 V
≤ VS ≤ 24 V
Parameter
Symbol
Limit Values
Unit
TLE4905
unipolar
TLE4935
bipolar latch
TLE4945-2
bipolar
switch
min.
max.
min.
max.
min.
max.
Junction Temperature Tj = – 40 °C
Turn-ON
induction
Turn-OFF
induction
Hysteresis
(BOP-BRP)
BOP
BRP
∆B
H
7.5
5.5
2
19
17
6.5
10
– 20
20
20
– 10
40
– 3
– 6
1
6
3
5
mT
mT
mT
Junction Temperature Tj = 25 °C
Turn-ON
induction
Turn-OFF
induction
Hysteresis
(BOP-BRP)
BOP
BRP
∆BH
7
5
2
18
16
6
10
– 20
20
20
– 10
40
– 3
– 6
1
6
3
5
mT
mT
mT
Junction Temperature Tj = 85 °C
Turn-ON
induction
Turn-OFF
induction
Hysteresis
(BOP-BRP)
BOP
BRP
∆BH
6.5
4.5
2
17.5
15
5.5
10
– 20
20
20
– 10
40
– 3
– 6
1
6
3
5
mT
mT
mT
Junction Temperature Tj = 150 °C
Turn-ON
induction
Turn-OFF
induction
Hysteresis
(BOP-BRP)
BOP
BRP
∆B
H
6
4
2
17
14
5
10
– 20
20
20
– 10
40
– 3
– 6
1
6
3
5
mT
mT
mT
Data Sheet
10
V1.3, 2007-12-05
TLE4905G; TLE4935G;
TLE4945-2G
Note: The listed characteristics are ensured over the operating range of the integrated circuit.
Typical characteristics specify mean values expected over the production spread. If not
otherwise specified, typical characteristics apply at Tj = 25 °C and the given supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com