Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX324ASD Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # LMX324ASD
Description  Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX324ASD Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button LMX324ASD Datasheet HTML 3Page - Maxim Integrated Products LMX324ASD Datasheet HTML 4Page - Maxim Integrated Products LMX324ASD Datasheet HTML 5Page - Maxim Integrated Products LMX324ASD Datasheet HTML 6Page - Maxim Integrated Products LMX324ASD Datasheet HTML 7Page - Maxim Integrated Products LMX324ASD Datasheet HTML 8Page - Maxim Integrated Products LMX324ASD Datasheet HTML 9Page - Maxim Integrated Products LMX324ASD Datasheet HTML 10Page - Maxim Integrated Products LMX324ASD Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Single/Dual/Quad, General-Purpose,
Low-Voltage, Rail-to-Rail Output Op Amps
_______________________________________________________________________________________
7
-20
0
-10
20
10
40
30
50
-40
0
-20
40
20
80
60
100
10k
100k
1M
10M
GAIN AND PHASE vs. FREQUENCY
and RESISTIVE LOAD
LMX321 toc19
FREQUENCY (Hz)
RL = 100kΩ
RL = 600Ω
RL = 600Ω
RL = 100kΩ
VCC = 1.35V, VEE = -1.35V
CL = 0, RL TO VEE
AVCL = 60dB, VOUT = 0V
-20
0
-10
20
10
40
30
50
-40
0
-20
40
20
80
60
100
10k
100k
1M
10M
GAIN AND PHASE vs. FREQUENCY
AND CAPACITIVE LOAD
LMX321 toc20
FREQUENCY (Hz)
CL = 0
VCC = 2.5V, VEE = -2.5V
RL = 600Ω TO VEE
AVCL = 60dB, VOUT = 0V
CL = 500pF
CL = 1nF
-20
0
-10
20
10
40
30
50
-40
0
-20
40
20
80
60
100
10k
100k
1M
10M
GAIN AND PHASE vs. FREQUENCY
AND CAPACITIVE LOAD
LMX321 toc21
FREQUENCY (Hz)
CL = 0
VCC = 2.5V, VEE = -2.5V
RL = 100kΩ TO VEE
AVCL = 60dB, VOUT = 0V
CL = 100pF
CL = 500pF
CL = 1nF
CL = 1nF
CL = 500pF
CL = 100pF
CL = 0
-20
0
-10
20
10
40
30
50
-40
0
-20
40
20
80
60
100
10k
100k
1M
10M
GAIN AND PHASE vs. FREQUENCY
AND TEMPERATURE
LMX321 toc22
FREQUENCY (Hz)
VCC = 2.5V, VEE = -2.5V
RL = 2kΩ TO VEE
AVCL = 60dB, VOUT = 0V
TA = +125°C
TA = -40°C
TA = +25°C
TA = +85°C
TA = -25°C
TA = -40°C
TA = +25°C
TA = +85°C
0
500
1000
1500
2000
2500
3000
3500
4000
100
1k
10k
100k
CAPACITIVE-LOAD STABILITY
LOAD RESISTANCE (Ω)
UNSTABLE
STABLE
0.96
1.00
0.98
1.04
1.02
1.08
1.06
1.10
2.0
3.0
3.5
2.5
4.0
4.5
5.0
5.5
SLEW RATE vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
RISING EDGE
FALLING EDGE
RL = 10kΩ
VIN = 1V STEP, AVCL = +1V/V
NONINVERTING
LARGE-SIGNAL RESPONSE
LMX321 toc25
VIN
1V/div
VOUT
1V/div
1µs/div
RL = 2kΩ
VCC = 5V
NONINVERTING
SMALL-SIGNAL RESPONSE
LMX321 toc26
VIN
100mV/div
VOUT
100mV/div
1µs/div
RL = 2kΩ
VCC = 5V
10
1
0.1
0.01
0.001
10
1k
100
10k
100k
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
FREQUENCY (Hz)
VCC = 2.7V, AV = +10, VOUT = 1VP-P
VCC = 5V, AV = +10, VOUT = 2.5VP-P
VCC = 2.7V, AV = +1, VOUT = 1VP-P
VCC = 5V, AV = +1, VOUT = 2.5VP-P
Typical Operating Characteristics (continued)
(TA = +25°C, VEE = 0V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com