Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP15P10PLG Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPP15P10PLG
Description  SIPMOS짰 Power-Transistor Features P-Channel Enhancement mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP15P10PLG Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPP15P10PLG Datasheet HTML 1Page - Infineon Technologies AG SPP15P10PLG Datasheet HTML 2Page - Infineon Technologies AG SPP15P10PLG Datasheet HTML 3Page - Infineon Technologies AG SPP15P10PLG Datasheet HTML 4Page - Infineon Technologies AG SPP15P10PLG Datasheet HTML 5Page - Infineon Technologies AG SPP15P10PLG Datasheet HTML 6Page - Infineon Technologies AG SPP15P10PLG Datasheet HTML 7Page - Infineon Technologies AG SPP15P10PLG Datasheet HTML 8Page - Infineon Technologies AG SPP15P10PLG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SPP15P10PL G
SPD15P10PL G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
-2.5 V
-3 V
-3.5 V
-4.5 V
-6 V
-8 V
-10 V
100
200
300
400
500
010
20
30
-I D [A]
25 °C
125 °C
0
5
10
15
20
25
30
12
345
-V GS [V]
0
5
10
15
20
0
5
10
15
20
25
30
-I D [A]
-2.5 V
-3 V
-3.5 V
-4.5 V
-6 V
-8 V
-10 V
-
0
5
10
15
20
25
30
35
40
02
46
8
10
-V DS [V]
Rev 1.3
page 5
2009-10-27



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com