Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4269 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4269
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4269 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4269_07 Datasheet HTML 1Page - Infineon Technologies AG TLE4269_07 Datasheet HTML 2Page - Infineon Technologies AG TLE4269_07 Datasheet HTML 3Page - Infineon Technologies AG TLE4269_07 Datasheet HTML 4Page - Infineon Technologies AG TLE4269_07 Datasheet HTML 5Page - Infineon Technologies AG TLE4269_07 Datasheet HTML 6Page - Infineon Technologies AG TLE4269_07 Datasheet HTML 7Page - Infineon Technologies AG TLE4269_07 Datasheet HTML 8Page - Infineon Technologies AG TLE4269_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Data Sheet
2
Rev. 2.4, 2007-03-20
TLE 4269
Figure 1
Pin Configuration (top view)
Table 1
Pin Definitions and Functions (TLE 4269 G)
Pin No.
Symbol
Function
1I
Input; block to GND directly at the IC with a ceramic capacitor.
2SI
Sense Input; if not needed connect to Q.
3RADJ
Reset Threshold Adjust; if not needed connect to GND.
4D
Reset Delay; to select delay time, connect to GND via capacitor.
5GND
Ground
6RO
Reset Output; the open-collector output is internally linked to Q
via a 20 k
Ω pull-up resistor. Keep open, if not needed.
7SO
Sense Output; the open-collector output is internally linked to
the output via a 20 k
Ω pull-up resistor. Keep open, if not needed.
8Q
5-V Output; connect to GND with a 10
µF capacitor,
ESR < 10
Ω.
GND
RO
SO
D5
6
7
RADJ
8
4
3
2
1
AEP01668
Q
Ι
S
Ι
PG-DSO-8-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com