Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSA26 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DSA26
Description  2.6A Power Rectifier?
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DSA26 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DSA26 Datasheet HTML 1Page - Sanyo Semicon Device DSA26 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - DSA26

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA2-12A IXYS-DSA2-12A Datasheet
35Kb / 2P
Rectifier Diode Avalanche Diode
DSA2-12A IXYS-DSA2-12A Datasheet
72Kb / 2P
Rectifi er Diode Avalanche Diode
DSA2-16A IXYS-DSA2-16A Datasheet
35Kb / 2P
Rectifier Diode Avalanche Diode
DSA2-16A IXYS-DSA2-16A Datasheet
72Kb / 2P
Rectifi er Diode Avalanche Diode
DSA2-18A IXYS-DSA2-18A Datasheet
35Kb / 2P
Rectifier Diode Avalanche Diode
More results

Similar Description - DSA26

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3FS4A SHINDENGEN-D3FS4A Datasheet
732Kb / 11P
Schottky Rectifiers (SBD) (40V 2.6A)
logo
Fairchild Semiconductor
HUF75307T3ST FAIRCHILD-HUF75307T3ST Datasheet
175Kb / 9P
2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
HUFA75307T3ST FAIRCHILD-HUFA75307T3ST Datasheet
174Kb / 9P
2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
HUF75307T3ST INTERSIL-HUF75307T3ST Datasheet
325Kb / 8P
2.6A, 55V, 0.090 Ohm, N-Channel UltraFET Power MOSFET
October 1999
logo
International Rectifier
IRFI720G IRF-IRFI720G Datasheet
170Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A)
logo
Semtech Corporation
2PFT05 SEMTECH-2PFT05 Datasheet
112Kb / 4P
RECTIFIER, up to 200V, 2.6A, 25ns
logo
Will Semiconductor Ltd.
WNMD2176 WILLSEMI-WNMD2176 Datasheet
977Kb / 6P
Dual N-Channel, 20V, 2.6A, Power MOSFET
logo
Weidmuller
2580220000 WEIDMULLER-2580220000 Datasheet
267Kb / 5P
PRO INSTA 30W 12V 2.6A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com