Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4268 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4268
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4268 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4268 Datasheet HTML 1Page - Infineon Technologies AG TLE4268 Datasheet HTML 2Page - Infineon Technologies AG TLE4268 Datasheet HTML 3Page - Infineon Technologies AG TLE4268 Datasheet HTML 4Page - Infineon Technologies AG TLE4268 Datasheet HTML 5Page - Infineon Technologies AG TLE4268 Datasheet HTML 6Page - Infineon Technologies AG TLE4268 Datasheet HTML 7Page - Infineon Technologies AG TLE4268 Datasheet HTML 8Page - Infineon Technologies AG TLE4268 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Type
Package
TLE 4268 GS
PG-DSO-8-16
TLE 4268 G
PG-DSO-20-35
5-V Low Drop Fixed Voltage Regulator
TLE 4268
P-DSO-8-3, -6, -7, -8, -9
P/PG-DSO-20-1,-6,-7,-9,-14,-
Data Sheet
1
Rev. 1.5, 2007-03-20
Features
•
Output voltage tolerance
≤ ±2%
•
Very low current consumption
•
Low-drop voltage
•
Watchdog
•
Settable reset threshold
•
Overtemperature protection
•
Reverse polarity protection
•
Short-circuit proof
•
Suitable for use in automotive electronics
•
Wide temperature range
•
Green Product (RoHS compliant)
•
AEC Qualified
Functional Description
This device is a 5-V low-drop fixed-voltage regulator. The
maximum input voltage is 45 V. It can deliver an output
current of at least 180 mA. The IC is short-circuit proof
and features temperature protection that disables the
circuit in the event of impermissibly high temperatures. The watchdog function is
disabled as a function of the load, so that a controller is not interrupted during sleep
mode by a watchdog reset.
Application Description
The IC regulates an input voltage
V
I in the range 5.5 V < VI < 45 V to VQ,nom = 5.0 V. In
the event of an output voltage
V
Q < VRT, a reset signal is generated. The wiring of the
reset switching threshold input enables the value of
V
RT to be reduced. The reset delay
time can be adjusted using an external capacitor. The integrated watchdog monitors the
connected active controller. If there is no rising edge at the watchdog input, the reset


Similar Part No. - TLE4268

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4268 SIEMENS-TLE4268 Datasheet
138Kb / 13P
5-V Low-Drop Fixed Voltage Regulator
TLE4268G SIEMENS-TLE4268G Datasheet
138Kb / 13P
5-V Low-Drop Fixed Voltage Regulator
TLE4268GS SIEMENS-TLE4268GS Datasheet
138Kb / 13P
5-V Low-Drop Fixed Voltage Regulator
More results

Similar Description - TLE4268

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4269 INFINEON-TLE4269_07 Datasheet
367Kb / 19P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.4, 2007-03-20
TLE4271-2 INFINEON-TLE4271-2_07 Datasheet
366Kb / 23P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
TLE4473GV53 INFINEON-TLE4473GV53_08 Datasheet
292Kb / 16P
Dual Low Drop Voltage Regulator Output 2: 180 mA, 5 V (짹2%)
Rev. 1.1, 2008-09-19
TLE4276-2 INFINEON-TLE4276-2 Datasheet
281Kb / 16P
Low Drop Voltage Regulator 5 V or variable output voltage Output voltage tolerance ??짹2%
Rev. 1.1, 2007-09-21
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4278G INFINEON-TLE4278G_07 Datasheet
212Kb / 20P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 1.4, 2007-02-19
TLE4264-2 INFINEON-TLE4264-2_08 Datasheet
204Kb / 11P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹3% (짹2% up to 50 mA)
Rev. 2.6, 2008-03-10
TLE4264 INFINEON-TLE4264_08 Datasheet
192Kb / 11P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.3, 2008-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com