Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE2PCS02 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # ICE2PCS02
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2PCS02 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button ICE2PCS02 Datasheet HTML 9Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 10Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 11Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 12Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 13Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 14Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 15Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 16Page - Infineon Technologies AG ICE2PCS02 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
CCM-PFC
ICE2PCS02/G
Electrical Characteristics
Version 2.3
13
9 Oct 2007
4
Electrical Characteristics
4.1
Absolute Maximum Ratings
Note:
Absolute maximum ratings are defined as ratings, which when being exceeded may lead to destruction
of the integrated circuit.
4.2
Operating Range
Note:
Within the operating range the IC operates as described in the functional description.
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
VCC Supply Voltage
VCC
-0.3
25
V
VINS Voltage
VVINS
-0.3
9.5
V
3)
VINS Current
IINS
-1
35
uA
ICOMP Voltage
VICOMP
-0.3
5
V
ISENSE Voltage
VISENSE
-20
5
V
2)
ISENSE Current
IISENSE
-1
1
mA
Recommended R2=220
Ω
VSENSE Voltage
VVSENSE
-0.3
5
V
VSENSE Current
IVSENSE
-1
1
mA
R3>400k
Ω
VCOMP Voltage
VVCOMP
-0.3
5
V
GATE Voltage
VGATE
-0.3
17
V
Clamped at 15V(typ)
if driven internally.
Junction Temperature
Tj
-40
150
°C
Storage Temperature
TS
-55
150
°C
Thermal Resistance
Junction-Ambient for PG-DSO-8
RthJA (DSO)
-
185
K/W
PG-DSO-8
Thermal Resistance
Junction-Ambient for PG-DIP-8
RthJA(DIP)
-
90
K/W
PG-DIP-8
ESD Protection
VESD
-
2
kV
Human Body Model1)
1)
According to EIA/JESD22-A114-B (discharging a 100pF capacitor through a 1.5k
Ω series resistor)
2)
Absolute ISENSE current should not be exceeded
3)
Absolute VINS current should not be exceeded
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
VCC Supply Voltage
VCC
VCCUVLO 25
V
Junction Temperature
TJCon
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com