Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDA010 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # DDA010
Description  Off-Line SMPS Quasi-Resonant PWM Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DDA010 Datasheet(HTML) 5 Page - Infineon Technologies AG

  DDA010 Datasheet HTML 1Page - Infineon Technologies AG DDA010 Datasheet HTML 2Page - Infineon Technologies AG DDA010 Datasheet HTML 3Page - Infineon Technologies AG DDA010 Datasheet HTML 4Page - Infineon Technologies AG DDA010 Datasheet HTML 5Page - Infineon Technologies AG DDA010 Datasheet HTML 6Page - Infineon Technologies AG DDA010 Datasheet HTML 7Page - Infineon Technologies AG DDA010 Datasheet HTML 8Page - Infineon Technologies AG DDA010 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 2.3
5
April 27, 2010
CoolSET
® - Q1
ICE2QR0665
Pin Configuration and Functionality
1
Pin Configuration and Functionality
1.1
Pin Configuration with PG-DIP-8-6
1.2
Package PG-DIP-8-6
Figure 1
Pin Configuration PG-DIP-8-6 (top view)
Note: Pin 4 and 5 are shorted
1.3
Pin Functionality
ZC (Zero Crossing)
At this pin, the voltage from the auxiliary winding after
a time delay circuit is applied. Internally, this pin is
connected to the zero-crossing detector for switch-on
determination. Additionally, the output overvoltage
detection is realized by comparing the voltage Vzc with
an internal preset threshold.
FB (Feedback)
Normally, an external capacitor is connected to this pin
for a smooth voltage V
FB.
Internally, this pin is
connected to the PWM signal generator for switch-off
determination (together with the current sensing
signal), the digital signal processing for the frequency
reduction
with
decreasing
load
during
normal
operation, and the Active Burst Mode controller for
entering Active Burst Mode operation determination
and burst ratio control during Active Burst Mode
operation. Additionally, the open-loop / over-load
protection is implemented by monitoring the voltage at
this pin.
CS (Current Sense)
This pin is connected to the shunt resistor for the
primary current sensing, externally, and the PWM
signal generator for switch-off determination (together
with the feedback voltage), internally. Moreover, short-
winding protection is realised by monitoring the voltage
V
cs during on-time of the main power switch.
Drain (Drain of integrated Depl. CoolMOS
®)
Drain pin is the connection to the drain of the internal
Depl. CoolMOS
®.
VCC (Power supply)
VCC pin is the positive supply of the IC. The operating
range is between V
VCCoff and VVCCOVP.
GND (Ground)
This is the common ground of the controller.
Pin
Symbol
Function
1
ZC
Zero Crossing
2
FB
Feedback
3
CS
Current Sense/
650V
1) Depl. CoolMOS® Source
1)
at T
j=110°C
4, 5
Drain
650V
1) Depl. CoolMOS® Drain
6
n.c.
Not connected
7
VCC
Controller Supply Voltage
8
GND
Controller Ground
1
6
7
8
4
3
2
5
GND
ZC
FB
CS
VCC
n.c.
Drain
Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com