Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP10 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DSP10
Description  Power Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DSP10 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DSP10 Datasheet HTML 1Page - Sanyo Semicon Device DSP10 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DSP10
No.6512-1/2
Features
•
Facilitates automatic mounting and
miniaturization in end products.
•
Peak reverse voltage : VRM=600V.
•
Average rectified current : IO=1.0A.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Peak Reverse Voltage
VRM
600
V
Average Rectified Current
IO
50Hz sine wave, mounted on an alumina board
1.0
A
Load resistor (solder pad size 4mm2!20
µmt)
Mounted PCB
0.64
A
Load resistor (solder pad size 4mm2!20
µmt)
Mounted PCB
0.80
A
Load resistor (solder pad size 4mm2!20
µmt)
Surge Forward Current
IFSM
50Hz sine wave
25
A
non-repetitive, 1cycle peak value
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward Voltage
VF
IF=1.0A
1.1
V
Reverse Current
IR
VR=VRM
10
µA
Thremal Resistance
θi-l
Junction-Lead
20
°C/W
θi-a
Junction-Ambient, mounted on an
108
°C/W
alumina board
(solder pad size 4mm2!20
µmt)
Mounted on PCB
186
°C/W
(solder pad size 4mm2!35
µmt)
Mounted on PCB
142
°C/W
(solder pad size 16mm2!35
µmt)
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN6512
DSP10
Package Dimensions
unit : mm
1300
[DSP10]
40700 GI IM
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Silicon Diffused Junction Type
Power Rectifier
1.0
1.8
1.0
1.0
2.8
Cathode mark
3.9
SANYO : SHP


Similar Part No. - DSP10

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DSP10 RSG-DSP10 Datasheet
462Kb / 4P
7.5W to 100W Low Profile 7.5W to 100W Low Profile
DSP10-12 RSG-DSP10-12 Datasheet
274Kb / 3P
7.5W to 100W Low Profile Din Rail Mount Power Supplies
DSP10-12 RSG-DSP10-12 Datasheet
462Kb / 4P
7.5W to 100W Low Profile 7.5W to 100W Low Profile
logo
TDK Electronics
DSP10-12 TDK-DSP10-12 Datasheet
203Kb / 1P
AC-DC Power Supplies
June 07, 2022
logo
RSG Electronic Componen...
DSP10-15 RSG-DSP10-15 Datasheet
274Kb / 3P
7.5W to 100W Low Profile Din Rail Mount Power Supplies
More results

Similar Description - DSP10

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
70HF KISEMICONDUCTOR-70HF Datasheet
649Kb / 7P
POWER RECTIFIER
logo
ON Semiconductor
SURHD8560W1T4G ONSEMI-SURHD8560W1T4G Datasheet
134Kb / 5P
Power Rectifier
January, 2012 ??Rev. 7
MURHB860CT ONSEMI-MURHB860CT_11 Datasheet
120Kb / 4P
Power Rectifier
August, 2011 ??Rev. 3
MURHS160T3G ONSEMI-MURHS160T3G_12 Datasheet
133Kb / 5P
Power Rectifier
January, 2012 ??Rev. 3
MBRJ20H100CTG ONSEMI-MBRJ20H100CTG Datasheet
106Kb / 6P
Power Rectifier
November, 2012 ??Rev. 1
MBRJ10H150CTG ONSEMI-MBRJ10H150CTG Datasheet
105Kb / 5P
Power Rectifier
November, 2012 ??Rev. P1
MBRJ30H100CTG ONSEMI-MBRJ30H100CTG Datasheet
115Kb / 6P
Power Rectifier
November, 2012 ??Rev. P0
MBRJ20H150CTG ONSEMI-MBRJ20H150CTG Datasheet
105Kb / 5P
Power Rectifier
November, 2012 ??Rev. P0
MBRJ20L45CTG ONSEMI-MBRJ20L45CTG Datasheet
105Kb / 5P
Power Rectifier
November, 2012 ??Rev. P0
MBRJ20L60CTG ONSEMI-MBRJ20L60CTG Datasheet
110Kb / 5P
Power Rectifier
November, 2012 ??Rev. P0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com