Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6220GP Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6220GP
Description  Smart Quad Low-Side Switch Short Circuit Protection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6220GP Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6220GP Datasheet HTML 4Page - Infineon Technologies AG TLE6220GP Datasheet HTML 5Page - Infineon Technologies AG TLE6220GP Datasheet HTML 6Page - Infineon Technologies AG TLE6220GP Datasheet HTML 7Page - Infineon Technologies AG TLE6220GP Datasheet HTML 8Page - Infineon Technologies AG TLE6220GP Datasheet HTML 9Page - Infineon Technologies AG TLE6220GP Datasheet HTML 10Page - Infineon Technologies AG TLE6220GP Datasheet HTML 11Page - Infineon Technologies AG TLE6220GP Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Data Sheet TLE 6220 GP
V2.1
Page
2007-05-03
8
Serial Control of the Outputs: SPI protocol
Each output is independently controlled by an output latch and a common reset line, which dis-
ables all four outputs. The Serial Input (SI) is read on the falling edge of the serial clock. A logic
high input 'data bit' turns the respective output channel ON, a logic low 'data bit' turns it OFF.
CS must be low whilst shifting all the serial data into the device. A low-to-high transition of CS
transfers the serial data input bits to the output control buffer.
As mentioned above, the serial input byte consists of a 4 bit control word and a 4 bit data word.
Via the control word, the specific mode of the device is programmable.
MSB
LSB
3
2
1
3
2
1
Bits
Data
Bits
Control
DDDD
CCCC
: Serial input byte
Five specific control words are recognised, having the following functions:
No.
Serial Input Byte
Function
1
LLLL XXXX
Only 'Full Diagnosis' performed. No change to output states.
2
HHLL XXXX
State of four parallel inputs and '1-bit Diagnosis' outputted.
3
HLHL XXXX
Echo-function of SPI; SI direct connected to SO
4
LLHH DDDD
IN1...4 and serial data bits 'OR'ed. 'Full Diagnosis' performed.
5
HHHH DDDD
IN1...4 and serial data bits 'AND'ed. 'Full Diagnosis' performed.
Note: 'X' means 'don't care', because this bit will be ignored
'D' represents the data bit, either being H (=ON) or L (=OFF)
1. LLLL XXXX
-
Diagnosis only
By clocking in this control byte, it is possible to get pure diagnostic information (two bits per
channel) in accordance with Figure 1 (page 11). The data bits are ignored, so that the state of
the outputs are not influenced. This command is only active once unless the next control com-
mand is again "Diagnosis only".
2. HHLL XXXX
-
Reading back of input, and ‘1-bit Diagnosis’
If the TLE 6220 GP is used as bare die in a hybrid application, it is necessary to know if proper
connections exist between the µC-port and parallel inputs. By entering ‘HHLL’ as the control
word, the first four bits of the SO give the state of the parallel inputs, depending on the µC sig-
nals. By comparing the four IN-bits with the corresponding µC-port signal, the necessary con-
nection between the µC and the TLE 6220 can be verified - i.e. ‘read back of the inputs’.
The second 4-bit word fed out at the serial output contains ‘1-bit’ fault information of the out-
puts ( H = no fault, L = fault ). In the expression given below for the output byte, ‘FX’ is the fault
bit for channel X.
MSB
LSB
IN4 IN3 IN2 IN1 F4 F3 F2 F1
: Serial Output byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com