Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE6281G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6281G
Description  H-Bridge Driver IC Adjustable dead time with shoot through protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6281G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6281G_07 Datasheet HTML 1Page - Infineon Technologies AG TLE6281G_07 Datasheet HTML 2Page - Infineon Technologies AG TLE6281G_07 Datasheet HTML 3Page - Infineon Technologies AG TLE6281G_07 Datasheet HTML 4Page - Infineon Technologies AG TLE6281G_07 Datasheet HTML 5Page - Infineon Technologies AG TLE6281G_07 Datasheet HTML 6Page - Infineon Technologies AG TLE6281G_07 Datasheet HTML 7Page - Infineon Technologies AG TLE6281G_07 Datasheet HTML 8Page - Infineon Technologies AG TLE6281G_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet TLE 6281G
Data Sheet
1
Rev 2.3 2007-01-11
Input control
Dead time
Undervoltage
Short circuit
Detect.
Overtemp. warning
T
j > 170
oC typ.
INH
Charge
Pump
Level
Shift
Floating LS Driver 1
+
V
GS limitation LS1
+
Short circuit
detect.
+
Undervoltage
Linear
Regulator
Undervoltage HSx
Undervoltage LSx
HS1
LS2
HS2
LS1
V
S
GND
INH
PWM
DT/DIS
DIR
ER2
ER1
BH1
BH2
SH1
GH1
DH1
GH2
DH2
GL1
SH2
GL2
SL1
SL2
Floating LS Driver 2
+
V
GS limitation LS2
+
Short circuit
detect.
+
Undervoltage
Floating HS Driver 2
+
V
GS limitation HS2
+
Short circuit
detect.
+
Undervoltage
Floating HS Driver 1
+
V
GS limitation HS1
+
Short circuit
detect.
+
Undervoltage
SCD
SCD
SCD
SCD
Short Circuit Detection
OR
H-Bridge Driver IC
Features
• Compatible to very low ohmic normal
level input N-Channel MOSFETs
• PWM – DIR - Interface
• PWM frequency up to 50kHz
• Operates down to 7.5V
supply voltage
• Low EMC sensitivity and emission
• Adjustable dead time with shoot through protection
• Deactivation of dead time and shoot through protection possible
• Short circuit protection for each Mosfet
• Driver undervoltage shut down
• Reverse polarity protection for the driver IC
• Fast disable function / Inhibit for low quiescent current
• Input with TTL characteristics
• 2 bit diagnosis
• Thermal overload warning for driver IC
• Shoot through protection
• Integrated bootstrap diodes
Application
• Dedicated for DC-brush high current motor bridges in PWM control mode for 12, 24 and 42V powernet applica-
tions.
• The input structure allows an easy control of a DC-brush motor
General Description
H-bridge driver IC for MOSFET power stages with multiple protection functions
Block Diagram
Product Summary
Turn on current
IGxx(on)
850
mA
Turn off current
IGxx(off)
580
mA
Supply voltage range
VVs
7.5 … 60
V
Gate Voltage
VGS
10
V
Temperature range
TJ
-40...+150
°C
P-DSO-20


Similar Part No. - TLE6281G_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
H-Bridge Driver IC
Rev 2.2 2006-01-30
More results

Similar Description - TLE6281G_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4102 MICREL-MIC4102 Datasheet
645Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection
logo
Infineon Technologies A...
TLE6284G INFINEON-TLE6284G_07 Datasheet
256Kb / 16P
H-Bridge Driver IC Deactivation of dead time and shoot through protection possible
Rev 2.3 2007-01-11
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
Half Bridge Gate Driver with Programmable Dead-Time
logo
Microchip Technology
MIC4607 MICROCHIP-MIC4607 Datasheet
1Mb / 42P
85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
06/23/16
MIC4102 MICROCHIP-MIC4102 Datasheet
703Kb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
07/14/15
logo
Analog Devices
ADUM4221 AD-ADUM4221 Datasheet
735Kb / 19P
Isolated, Half Bridge Gate Driver with Adjustable Dead Time, 4 A Output
7/2020-Revision 0
LTC7060 AD-LTC7060 Datasheet
2Mb / 18P
100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
04/20-REV.A
logo
Microchip Technology
MIC4102 MICROCHIP-MIC4102_V01 Datasheet
2Mb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
Revision B (May 2022)
MIC4605 MICROCHIP-MIC4605 Datasheet
1Mb / 34P
85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
Revision E December 2019
MIC4606 MICROCHIP-MIC4606 Datasheet
2Mb / 40P
85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
Revision D December 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com