Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13892 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 13892
Description   Power Management and User Interface IC
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 13892_10 Datasheet HTML 35Page - Freescale Semiconductor, Inc 13892_10 Datasheet HTML 36Page - Freescale Semiconductor, Inc 13892_10 Datasheet HTML 37Page - Freescale Semiconductor, Inc 13892_10 Datasheet HTML 38Page - Freescale Semiconductor, Inc 13892_10 Datasheet HTML 39Page - Freescale Semiconductor, Inc 13892_10 Datasheet HTML 40Page - Freescale Semiconductor, Inc 13892_10 Datasheet HTML 41Page - Freescale Semiconductor, Inc 13892_10 Datasheet HTML 42Page - Freescale Semiconductor, Inc 13892_10 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 161 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
39
13892
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
USB
UID
This pin identifies if a mini-A or mini-B style plug has been connected to the application. The state of the ID detection can be
read via the SPI, to poll dedicated sense bits for a floating, grounded, or factory mode condition on the UID pin.
UVBUS
1. USB transceiver cable interface.
2. OTG supply output.
When SWBST is configured to supply the UVBUS pin in OTG mode, the feedback will switch to sense the UVBUS pin instead
of the SWBSTFB pin.
VUSB
This is the regulator used to provide a voltage to an external USB transceiver IC.
VINUSB
Input option for VUSB; supplied by SWBST. This pin is internally connected to the UVBUS pin for OTG mode operation (for
more details about OTG mode).
Note: When VUSBIN = 1, UVBUS will be connected via internal switches to VINUSB and incur some current drain on that pin,
as much as 270
μA maximum, so care must be taken to disable this path and set this SPI bit (VUSBIN) to 0 to minimize current
drain, even if SWBST and/or VUSB are disabled.
VBUSEN
External VBUS enable pin for the OTG supply. VBUS is defined as the power rail of the USB cable (+5.0 V).
A TO D CONVERTER
Note: The ADIN5/6/7 inputs must not exceed BP.
ADIN5
ADC generic input channel 5. ADIN5 may be used as a general purpose unscaled input, but in a typical application, ADIN5 is
used to read out the battery pack thermistor. The thermistor must be biased with an external pull-up to a voltage rail greater than
the ADC input range. In order to save current when the thermistor reading is not required, it can be biased from one of the general
purpose IOs such as GPO1. A resistor divider network should assure the resulting voltage falls within the ADC input range, in
particular when the thermistor check function is used.
ADIN6
ADC generic input channel 6. ADIN6 may be used as a general purpose unscaled input, but in a typical application, the PA
thermistor is connected here.
ADIN7
ADC generic input channel 7, group 1. ADIN7 may be used as a general purpose unscaled input or as a divide by 2 scaled
input. In a typical application, an ambient light sensor is connected here. A second general purpose input ADIN7B is available
on channel 7. This input is muxed on the GPO4 pin. In the application, a second ambient light sensor is supposed to be connected
here.
TSX1 AND TSX2, TSY1 AND TSY2 - Note: The TS[xy] [12] inputs must not exceed BP or VCORE.
Touch Screen Interfaces X1 and X2, Y1 and Y2. The touch screen X plate is connected to TSX1 and TSX2, while the Y plate
is connected to Y1 and Y2. In inactive mode, these pins can also be used as general purpose ADC inputs. They are respectively
mapped on ADC channels 4, 5, 6, and 7. In interrupt mode, a voltage is applied to the X-plate (TSX2) via a weak current source
to VCORE, while the Y-plate is connected to ground (TSY1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com