Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4275D Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4275D
Description  5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4275D Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4275D Datasheet HTML 1Page - Infineon Technologies AG TLE4275D Datasheet HTML 2Page - Infineon Technologies AG TLE4275D Datasheet HTML 3Page - Infineon Technologies AG TLE4275D Datasheet HTML 4Page - Infineon Technologies AG TLE4275D Datasheet HTML 5Page - Infineon Technologies AG TLE4275D Datasheet HTML 6Page - Infineon Technologies AG TLE4275D Datasheet HTML 7Page - Infineon Technologies AG TLE4275D Datasheet HTML 8Page - Infineon Technologies AG TLE4275D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
5-V Low Drop Fixed Voltage Regulator
TLE 4275
Data Sheet
1
Rev. 1.7, 2007-02-19
d
Type
Package
TLE 4275
PG-TO220-5-11 (RoHS compliant)
TLE 4275 D
PG-TO252-5-11 (RoHS compliant)
TLE 4275 G
PG-TO263-5-1 (RoHS compliant)
TLE 4275 S
PG-TO220-5-12 (RoHS compliant)
P-TO220-5-11
PG-TO220-5-11
P-TO252-5-11
PG-TO252-11
P-TO263-5-1
PG-TO263-5-1
P-TO220-5-12
PG-TO220-5-12
Features
•
Output voltage 5 V
± 2%
•
Very low current consumption
•
Power-on and undervoltage reset
•
Reset low down to
V
Q = 1 V
•
Very low-drop voltage
•
Short-circuit-proof
•
Reverse polarity proof
•
Suitable for use in automotive electronics
•
ESD protection > 4 kV
•
Green Product (RoHS compliant) version of TLE 4275
•
AEC qualified
Functional Description
The TLE 4275 is a monolithic integrated low-drop
voltage regulator in a 5-pin TO-package. An input
voltage up to 45 V is regulated to
V
Q,nom = 5.0 V. The IC
is able to drive loads up to 450 mA and is short-circuit
proof. At overtemperature the TLE 4275 is turned off by
the incorporated temperature protection. A reset signal
is generated for an output voltage
V
Q,rt of typ. 4.65 V.
The delay time can be programmed by the external
delay capacitor.


Similar Part No. - TLE4275D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4275D INFINEON-TLE4275D Datasheet
141Kb / 16P
5-V Low-Drop Voltage Regulator
Version 1.3 2001-04-24
TLE4275DV33 INFINEON-TLE4275DV33 Datasheet
319Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
TLE4275DV33 INFINEON-TLE4275DV33 Datasheet
193Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.1, 2015-01-15
TLE4275DV33 INFINEON-TLE4275DV33 Datasheet
193Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.1, 2015-01-15
TLE4275DV33ATMA1 INFINEON-TLE4275DV33ATMA1 Datasheet
193Kb / 12P
Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.1, 2015-01-15
More results

Similar Description - TLE4275D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268 Datasheet
228Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
ILE4270 IKSEMICON-ILE4270 Datasheet
254Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
5-V LOW-DROP FIXED VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com