Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4274 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4274
Description  Voltage Regulator Output voltage: 3.3 V/2.5 V 짹 4%
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4274 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4274 Datasheet HTML 1Page - Infineon Technologies AG TLE4274 Datasheet HTML 2Page - Infineon Technologies AG TLE4274 Datasheet HTML 3Page - Infineon Technologies AG TLE4274 Datasheet HTML 4Page - Infineon Technologies AG TLE4274 Datasheet HTML 5Page - Infineon Technologies AG TLE4274 Datasheet HTML 6Page - Infineon Technologies AG TLE4274 Datasheet HTML 7Page - Infineon Technologies AG TLE4274 Datasheet HTML 8Page - Infineon Technologies AG TLE4274 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Data Sheet
4
Rev. 2.3, 2008-03-10
TLE 4274 / 3.3V;2.5V
Note: Maximum ratings are absolute ratings; exceeding any one of these values may
cause irreversible damage to the integrated circuit.
Table 2
Absolute Maximum Ratings
T
j = -40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Max.
Input
Voltage
V
I
-42
45
V
–
Current
I
I
–
–
–
Internally limited
Output
Voltage
V
Q
-1.0
40
V
–
Current
I
Q
–
–
–
Internally limited
Ground
Current
I
GND
–100
mA
–
Temperature
Junction temperature
T
j
–150
°C–
Storage temperature
T
stg
-50
150
°C–
Table 3
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Input voltage
V
I
4.7
40
V
–
Junction temperature
T
j
-40
150
°C–
Thermal Resistance
Junction ambient
R
thja
–
100
K/W
SOT223
1)
1) Soldered in, 1 cm
2 copper area at pin 4, FR4
Junction ambient
R
thja
–
70
K/W
TO252
2)
2) Soldered in, minimal footprint, FR4
Junction case
R
thjc
–
25
K/W
SOT223
Junction case
R
thjc
–4K/W
TO252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com