Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4278G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4278G
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4278G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4278G Datasheet HTML 1Page - Infineon Technologies AG TLE4278G Datasheet HTML 2Page - Infineon Technologies AG TLE4278G Datasheet HTML 3Page - Infineon Technologies AG TLE4278G Datasheet HTML 4Page - Infineon Technologies AG TLE4278G Datasheet HTML 5Page - Infineon Technologies AG TLE4278G Datasheet HTML 6Page - Infineon Technologies AG TLE4278G Datasheet HTML 7Page - Infineon Technologies AG TLE4278G Datasheet HTML 8Page - Infineon Technologies AG TLE4278G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TLE 4278 G
Data Sheet
5
Rev. 1.4, 2007-02-19
Table 2
Absolute Maximum Ratings
T
j = -40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Notes
Min.
Max.
Input Voltage I
Voltage
V
I
-42
45
V
–
Current
I
I
–
–
mA
Internally limited
Output Voltage Q
Voltage
V
Q
-1
25
V
–
Current
I
Q
–
–
mA
Internally limited
Reset Output RO
Voltage
V
RO
-0.3
25
V
–
Current
I
RO
-5
5
mA
–
Reset Delay D
Voltage
V
D
-0.3
7
V
–
Current
I
D
-2
2
mA
–
Reset Switching Threshold Adjust RADJ
Voltage
V
RADJ
-0.3
7
V
–
Current
I
RADJ
–
–
mA
Internally limited
Watchdog Input WI
Voltage
V
WI
-0.3
7
V
–
Current
I
WI
–
–
mA
Internally limited
Watchdog Output WO
Voltage
V
WO
-0.3
25
V
–
Current
I
WO
-5
5
mA
–
Watchdog Adjust WADJ
Voltage
V
WADJ
-0.3
7
V
–
Current
I
WADJ
–
–
mA
Internally limited
Ground GND
Current
I
GND
-100
50
mA
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com