Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4266 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE4266
Description  5 V/10 V Low Drop Voltage Regulator Output voltage 5 V or 10 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4266 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE4266_08 Datasheet HTML 1Page - Infineon Technologies AG TLE4266_08 Datasheet HTML 2Page - Infineon Technologies AG TLE4266_08 Datasheet HTML 3Page - Infineon Technologies AG TLE4266_08 Datasheet HTML 4Page - Infineon Technologies AG TLE4266_08 Datasheet HTML 5Page - Infineon Technologies AG TLE4266_08 Datasheet HTML 6Page - Infineon Technologies AG TLE4266_08 Datasheet HTML 7Page - Infineon Technologies AG TLE4266_08 Datasheet HTML 8Page - Infineon Technologies AG TLE4266_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TLE 4266
Data Sheet
3
Rev. 2.5, 2008-03-10
Circuit Description
The device includes a precise reference voltage, which is very accurate due to resistor
adjustment. A control amplifier compares the divided output voltage to this reference
voltage and drives the base of the PNP series transistor through a buffer.
Saturation control as a function of the load current prevents any oversaturation of the
power element. The IC also incorporates a number of protection circuitry for:
•
Overload
•
Overtemperature
•
Reverse polarity
Figure 2
Block Diagram
4
2
Reference
Bandgap
Adjustment
Sensor
Temperature
Saturation
Control and
Protection
Circuit
Control
Amplifier
Buffer
Q
1
INH
GND
AEB01725
Ι
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com