Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4274 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4274
Description  Low Drop Voltage Regulator Output voltage 5 V, 8.5 V or 10 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4274 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4274_07 Datasheet HTML 8Page - Infineon Technologies AG TLE4274_07 Datasheet HTML 9Page - Infineon Technologies AG TLE4274_07 Datasheet HTML 10Page - Infineon Technologies AG TLE4274_07 Datasheet HTML 11Page - Infineon Technologies AG TLE4274_07 Datasheet HTML 12Page - Infineon Technologies AG TLE4274_07 Datasheet HTML 13Page - Infineon Technologies AG TLE4274_07 Datasheet HTML 14Page - Infineon Technologies AG TLE4274_07 Datasheet HTML 15Page - Infineon Technologies AG TLE4274_07 Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TLE 4274
Data Sheet
13
Rev. 1.6, 2007-01-23
Figure 6
PG-TO252-3-11 (Plastic Transistor Single Outline)
Green Product (RoHS-Compliant)
To meet the world-wide customer requirements for environmentally friendly products
and to be compliant with government regulations the device is available as a green
product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable
for Pb-free soldering according to IPC/JEDEC J-STD-020).
5.4 ±0.1
-0.05
6.5
+0.15
A
0.15 MAX.
±0.1
per side
0.75
2.28
4.57
+0.08
GPT09277
-0.04
0.5
2.3 -0.10
+0.05
B
+0.08
-0.04
0.5
0...0.15
B
A
0.25 M
0.1
All metal surfaces tin plated,
except area of cut.
3x
(5)
-0.01
+0.20
0.9
B
You can find all of our packages, sorts of packing and others in our
Infineon Internet Page “Products”: http://www.infineon.com/products.
Dimensions in mm
SMD = Surface Mounted Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com