Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4264-2G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4264-2G
Description  5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹3% (짹2% up to 50 mA)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4264-2G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4264-2G Datasheet HTML 3Page - Infineon Technologies AG TLE4264-2G Datasheet HTML 4Page - Infineon Technologies AG TLE4264-2G Datasheet HTML 5Page - Infineon Technologies AG TLE4264-2G Datasheet HTML 6Page - Infineon Technologies AG TLE4264-2G Datasheet HTML 7Page - Infineon Technologies AG TLE4264-2G Datasheet HTML 8Page - Infineon Technologies AG TLE4264-2G Datasheet HTML 9Page - Infineon Technologies AG TLE4264-2G Datasheet HTML 10Page - Infineon Technologies AG TLE4264-2G Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Data Sheet
8
Rev. 2.6, 2008-03-10
TLE 4264-2
Current Consumption
I
q
versus Output Current
I
Q
Current Consumption
I
q
versus Output Current
I
Q
AED03341.VSD
0
I
Q
2
4
6
8
10 12 mA 16
0
50
100
150
200
250
300
350
400
µA
I
q
AED03342.VSD
0
I
Q
20 40 60 80 100 120 mA 160
0
1
2
3
4
5
6
7
8
µA
I
q



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com