Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7230R Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE7230R
Description  Smart Octal Low-Side Switch Low Quiescent Current< 10關A Overvoltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7230R Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7230R Datasheet HTML 6Page - Infineon Technologies AG TLE7230R Datasheet HTML 7Page - Infineon Technologies AG TLE7230R Datasheet HTML 8Page - Infineon Technologies AG TLE7230R Datasheet HTML 9Page - Infineon Technologies AG TLE7230R Datasheet HTML 10Page - Infineon Technologies AG TLE7230R Datasheet HTML 11Page - Infineon Technologies AG TLE7230R Datasheet HTML 12Page - Infineon Technologies AG TLE7230R Datasheet HTML 13Page - Infineon Technologies AG TLE7230R Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet TLE 7230 R
V2.0
Page
2005-10-05
11
SPI Diagnostics:
As soon as a fault occurs for longer than the fault filtering time, the fault information is latched into the
diagnosis register (the Fault pin will also change from high to low state). A new error on the same chan-
nel will overwrite the old error report. Serial data out pin (SO) is in high impedance state when CS is
high. If CS receives a LOW signal, all diagnosis bits can be shifted out serially. If the sent command is
valid the rising edge of CS will reset all diagnosis registers and restart the fault filtering time. In case of
an invalid command the device will ignore the data bits and the diagnosis register will not be reset at the
rising CS edge.
Figure 1: Two bits per channel diagnostic feedback
Diagnostic Serial Data Out SO
HH
Normal function
HL
Overload , Shorted Load or Overtemperature
LH
Open Load (off)
LL
Short to GND
15
3
2
1
0
MSB
Ch.2
Ch.1
LSB
Ch.8
For Full Diagnosis there are two dedicated diagnostic bits per channel, as shown in Figure 1.
Normal function: The bit combination HH indicates that there is no fault condition, i.e. normal function.
Overload, Shorted Load or Overtemperature: HL is set if the current limitation becomes active, i.e.
in the event of an overload or short to supply event. Additionally, this bit combination is set in the event of
overtemperature of the corresponding channel.
Open load: LH is set if an open load is detected (in off state of the channel)
Short to GND: LL is set if a short to ground condition is detected (in off state)
Timing Figures
Figure 5: Power Outputs
t
t
tON
tOFF
80%
VDS
VIN
20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com